Electronic Components Datasheet Search
  English  ▼

X  

TLC2274AMDR Datasheet(PDF) 39 Page - Texas Instruments

Part # TLC2274AMDR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274AMDR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLC2274AMDR Datasheet HTML 35Page - Texas Instruments TLC2274AMDR Datasheet HTML 36Page - Texas Instruments TLC2274AMDR Datasheet HTML 37Page - Texas Instruments TLC2274AMDR Datasheet HTML 38Page - Texas Instruments TLC2274AMDR Datasheet HTML 39Page - Texas Instruments TLC2274AMDR Datasheet HTML 40Page - Texas Instruments TLC2274AMDR Datasheet HTML 41Page - Texas Instruments TLC2274AMDR Datasheet HTML 42Page - Texas Instruments TLC2274AMDR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
60
40
20
0
10
100
1 k
10 k
80
100
100 k
1 M
f − Frequency − Hz
VDD = ± 5 V
VDD = 5 V
10 M
TA = 25°C
Figure 31
TA − Free-Air Temperature − °C
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
82
78
74
70
86
90
− 75
− 50
− 25
0
25
50
75
100
125
VDD = ± 5 V
VDD = 5 V
VIC = 0 V to 2.7 V
VIC = − 5 V to 2.7 V
Figure 32
40
20
0
10
100
1 k
60
80
f − Frequency − Hz
100
10 k
100 k
1 M
10 M
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
VDD = 5 V
TA = 25°C
kSVR+
kSVR −
−20
Figure 33
40
20
0
10
100
1 k
60
80
f − Frequency − Hz
100
10 k
100 k
1 M
10 M
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
VDD = ± 5 V
TA = 25°C
kSVR+
kSVR −
−20
Figure 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com