Electronic Components Datasheet Search
  English  ▼

X  

TLC2274AMDR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC2274AMDR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274AMDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC2274AMDR Datasheet HTML 4Page - Texas Instruments TLC2274AMDR Datasheet HTML 5Page - Texas Instruments TLC2274AMDR Datasheet HTML 6Page - Texas Instruments TLC2274AMDR Datasheet HTML 7Page - Texas Instruments TLC2274AMDR Datasheet HTML 8Page - Texas Instruments TLC2274AMDR Datasheet HTML 9Page - Texas Instruments TLC2274AMDR Datasheet HTML 10Page - Texas Instruments TLC2274AMDR Datasheet HTML 11Page - Texas Instruments TLC2274AMDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2272C electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless
otherwise specified)
PARAMETER
TEST CONDITIONS
TA†
TLC2272C
TLC2272AC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
300
2500
300
950
µV
VIO
Input offset voltage
Full range
3000
1500
µV
αVIO
Temperature coefficient of
25
°C
2
2
µV/°C
αVIO
Temperature coefficient of
input offset voltage
25 C
to 70
°C
2
2
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VIC = 0 V,
RS = 50 Ω
VO = 0 V,
25
°C
0.002
0.002
µV/mo
IIO
Input offset current
25
°C
0.5
60
0.5
60
pA
IIO
Input offset current
Full range
100
100
pA
IIB
Input bias current
25
°C
1
60
1
60
pA
IIB
Input bias current
Full range
100
100
pA
−5
− 5.3
−5
− 5.3
25
°C
−5
to
− 5.3
to
−5
to
− 5.3
to
VICR
Common-mode input
RS = 50 Ω
|VIO |≤5 mV
25 C
to
4
to
4.2
to
4
to
4.2
V
VICR
Common-mode input
voltage
RS = 50 Ω,
|VIO | ≤5 mV
−5
−5
V
voltage
Full range
−5
to
−5
to
Full range
to
3.5
to
3.5
IO = − 20 µA
25
°C
4.99
4.99
Maximum positive peak
IO = − 200 µA
25
°C
4.85
4.93
4.85
4.93
VOM +
Maximum positive peak
output voltage
IO = − 200 µA
Full range
4.85
4.85
V
VOM + output voltage
IO = − 1 mA
25
°C
4.25
4.65
4.25
4.65
V
IO = − 1 mA
Full range
4.25
4.25
VIC = 0 V,
IO = 50 µA
25
°C
− 4.99
− 4.99
Maximum negative peak
VIC = 0 V,
IO = 500 µA
25
°C
− 4.85
− 4.91
− 4.85
− 4.91
VOM −
Maximum negative peak
output voltage
VIC = 0 V,
IO = 500 µA
Full range
− 4.85
− 4.85
V
VOM − output voltage
VIC = 0 V,
IO = 5 mA
25
°C
− 3.5
− 4.1
− 3.5
− 4.1
V
VIC = 0 V,
IO = 5 mA
Full range
− 3.5
− 3.5
Large-signal differential
RL = 10 kΩ
25
°C
25
50
25
50
AVD
Large-signal differential
voltage amplification
VO = ± 4 V
RL = 10 kΩ
Full range
25
25
V/mV
AVD
voltage amplification
VO = ± 4 V
RL = 1 mΩ
25
°C
300
300
V/mV
rid
Differential input
resistance
25
°C
1012
1012
Ω
ri
Common-mode input
resistance
25
°C
1012
1012
Ω
ci
Common-mode input
capacitance
f = 10 kHz,
P package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 1 MHz,
AV = 10
25
°C
130
130
Ω
CMRR
Common-mode rejection
VIC = − 5 V to 2.7 V,
25
°C
75
80
75
80
dB
CMRR
Common-mode rejection
ratio
VIC = − 5 V to 2.7 V,
VO = 0 V,
RS = 50 Ω
Full range
75
75
dB
kSVR
Supply-voltage rejection
VDD ± = 2.2 V to ±8 V,
25
°C
80
95
80
95
dB
kSVR
Supply-voltage rejection
ratio (
∆VDD± /∆VIO)
VDD ± = 2.2 V to ±8 V,
VIC = 0 V,
No load
Full range
80
80
dB
IDD
Supply current
VO = 0 V
No load
25
°C
2.4
3
2.4
3
mA
IDD
Supply current
VO = 0 V
No load
Full range
3
3
mA
† Full range is 0°C to 70°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com