Electronic Components Datasheet Search
  English  ▼

X  

TLC2274AMDR Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC2274AMDR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274AMDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC2274AMDR Datasheet HTML 19Page - Texas Instruments TLC2274AMDR Datasheet HTML 20Page - Texas Instruments TLC2274AMDR Datasheet HTML 21Page - Texas Instruments TLC2274AMDR Datasheet HTML 22Page - Texas Instruments TLC2274AMDR Datasheet HTML 23Page - Texas Instruments TLC2274AMDR Datasheet HTML 24Page - Texas Instruments TLC2274AMDR Datasheet HTML 25Page - Texas Instruments TLC2274AMDR Datasheet HTML 26Page - Texas Instruments TLC2274AMDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2272Q and TLC2272M operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2272Q,
TLC2272M
TLC2272AQ,
TLC2272AM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Slew rate at
VO = 1.25 V to 2.75 V,
25
°C
2.3
3.6
2.3
3.6
SR
Slew rate at
unity gain
VO = 1.25 V to 2.75 V,
RL = 10 kه,
CL = 100 pF‡
Full
1.7
1.7
V/
µs
SR
unity gain
RL = 10 kه,
CL = 100 pF‡
Full
range
1.7
1.7
V/
µs
Vn
Equivalent input
f = 10 Hz
25
°C
50
50
nV/
√Hz
Vn
Equivalent input
noise voltage
f = 1 kHz
25
°C
9
9
nV/
√Hz
VNPP
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
1
1
V
VNPP
equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.4
1.4
µV
In
Equivalent input
noise current
25
°C
0.6
0.6
fA/
√Hz
Total harmonic
VO = 0.5 V to 2.5 V,
AV = 1
0.0013%
0.0013%
THD + N
Total harmonic
distortion plus
noise
VO = 0.5 V to 2.5 V,
f = 20 kHz,
R = 10 k ‡,
AV = 10
25
°C
0.004%
0.004%
THD + N
distortion plus
noise
f = 20 kHz,
RL = 10 kه,
AV = 100
25 C
0.03%
0.03%
Gain-bandwidth
f = 10 kHz,
RL = 10 kه,
25
°C
2.18
2.18
MHz
Gain-bandwidth
product
f = 10 kHz,
CL = 100 pF‡
RL = 10 kه,
25
°C
2.18
2.18
MHz
BOM
Maximum output-
VO(PP) = 2 V,
‡
AV = 1,
‡
25
°C
1
1
MHz
BOM
Maximum output-
swing bandwidth
VO(PP) = 2 V,
RL = 10 kه,
AV = 1,
CL = 100 pF‡
25
°C
1
1
MHz
AV = − 1,
To 0.1%
1.5
1.5
ts
Settling time
AV = − 1,
Step = 0.5 V to 2.5 V,
‡
To 0.1%
25
°C
1.5
1.5
s
ts
Settling time
Step = 0.5 V to 2.5 V,
RL = 10 kه,
‡
To 0.01%
25
°C
2.6
2.6
µs
s
RL = 10 kه,
CL = 100 pF‡
To 0.01%
2.6
2.6
φm
Phase margin at
unity gain
RL = 10 kه,
CL = 100 pF‡
25
°C
50
°
50
°
Gain margin
RL = 10 kه,
CL = 100 pF‡
25
°C
10
10
dB
† Full range is − 40°C to 125°C for Q level part, −55°C to 125°C for M level part.
‡ Referenced to 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com