Electronic Components Datasheet Search
  English  ▼

X  

TLE2082A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2082A
Description  EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2082A Datasheet(HTML) 1 Page - Texas Instruments

  TLE2082A Datasheet HTML 1Page - Texas Instruments TLE2082A Datasheet HTML 2Page - Texas Instruments TLE2082A Datasheet HTML 3Page - Texas Instruments TLE2082A Datasheet HTML 4Page - Texas Instruments TLE2082A Datasheet HTML 5Page - Texas Instruments TLE2082A Datasheet HTML 6Page - Texas Instruments TLE2082A Datasheet HTML 7Page - Texas Instruments TLE2082A Datasheet HTML 8Page - Texas Instruments TLE2082A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TLE2082, TLE2082A, TLE2082Y
EXCALIBUR HIGH-SPEED
JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
SLOS105A – AUGUST 1991 – REVISED AUGUST 1994
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1994, Texas Instruments Incorporated
5–1
• 40-V/µs Slew Rate Typ
• High-Gain Bandwidth Product...10 MHz
• ±30-mA Minimum Short-Circuit Output
Current
• Wide Supply Range... ±2.25 V to ±19 V
• Fast Settling Time Using 10-V Step
400 ns to 10 mV Typ
1.5
µs to 1 mV Typ
• Input Range Includes the Positive Supply
• Macromodel Included
0.001
10
100
1 k
10 k
100 k
0.01
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
0.1
1
0
– 10
– 12.5
0
0.5
1
1.5
5
10
OUTPUT VOLTAGE
vs
SETTLING TIME
12.5
2
– 5
7.5
2.5
– 7.5
AV = 100, RL = 600 Ω
AV = 100, RL = 2 kΩ
AV = 10, RL = 600 Ω
AV = 10, RL = 2 kΩ
Rising
Falling
VCC
± = ±15 V
RL = 1 kΩ
CL = 100 pF
AV = – 1
TA = 25°C
VCC
± = ±15 V
VO(PP) = 20 V
TA = 25°C
Filter: 10-Hz to 500-kHz Band Pass
10 mV
1 mV
10 mV
1 mV
– 2.5
ts – Settling Time – µs
f – Frequency – Hz
description
The TLE2082 and TLE2082A are high-performance, high-speed, internally compensated JFET-input dual
operational amplifiers built using Texas Instruments complementary bipolar Excalibur process. The TLE2082A
has a lower input offset voltage than the TLE2082. Both are pin-compatible upgrades to standard industry
products.
AVAILABLE OPTIONS
T
V
PACKAGED DEVICES
CHIP FORM
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
CHIP FORM
(Y)
0
°Cto70°C
4 mV
TLE2082ACD
—
—
TLE2082ACP
—
0
°C to 70°C
4 mV
7 mV
TLE2082ACD
TLE2082CD
—
—
TLE2082ACP
TLE2082CP
—
–40
°Cto85°C
4 mV
TLE2082AID
—
—
TLE2082AIP
TLE2082Y
– 40
°C to 85°C
4 mV
7 mV
TLE2082AID
TLE2082ID
—
—
TLE2082AIP
TLE2082IP
TLE2082Y
–55
°Cto125°C
4 mV
TLE2082AMD
TLE2082AMFK
TLE2082AMJG
TLE2082AMP
—
– 55
°C to 125°C
4 mV
7 mV
TLE2082AMD
TLE2082MD
TLE2082AMFK
TLE2082MFK
TLE2082AMJG
TLE2082MJG
TLE2082AMP
TLE2082MP
—
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2082ACDR). Chip-form versions are
tested at TA = 25°C. For chip-form orders, contact your local TI sales office.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-STD-883, Class B, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLE2082A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2082ACD TI-TLE2082ACD Datasheet
1Mb / 69P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2082ACD TI-TLE2082ACD Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2082ACD TI1-TLE2082ACD Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2082ACD TI1-TLE2082ACD Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2082ACDG4 TI1-TLE2082ACDG4 Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2082A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE207X TI-TLE207X Datasheet
1Mb / 77P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE208X TI-TLE208X Datasheet
1Mb / 69P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE207XA TI-TLE207XA Datasheet
1Mb / 81P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2072 TI-TLE2072 Datasheet
986Kb / 37P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
TLE207XA TI-TLE207XA_07 Datasheet
1Mb / 83P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2071-Q1 TI1-TLE2071-Q1 Datasheet
692Kb / 42P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2082ACDRG4 TI-TLE2082ACDRG4 Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2082AIDR TI1-TLE2082AIDR Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE207X-Q1 TI1-TLE207X-Q1 Datasheet
731Kb / 43P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE208X TI1-TLE208X_16 Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com