Electronic Components Datasheet Search
  English  ▼

X  

TLE2082A Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2082A
Description  EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2082A Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLE2082A Datasheet HTML 24Page - Texas Instruments TLE2082A Datasheet HTML 25Page - Texas Instruments TLE2082A Datasheet HTML 26Page - Texas Instruments TLE2082A Datasheet HTML 27Page - Texas Instruments TLE2082A Datasheet HTML 28Page - Texas Instruments TLE2082A Datasheet HTML 29Page - Texas Instruments TLE2082A Datasheet HTML 30Page - Texas Instruments TLE2082A Datasheet HTML 31Page - Texas Instruments TLE2082A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
TLE2082, TLE2082A, TLE2082Y
EXCALIBUR HIGH-SPEED
JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
SLOS105A – AUGUST 1991 – REVISED AUGUST 1994
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5–28
TYPICAL CHARACTERISTICS
VID – Differential Input Voltage – V
VID – Differential Input Voltage – V
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
– 0.5
– 0.25
0
0.25
0.5
0
6
8
10
12
14
10
5
0
–1.5
–1
– 0.5
0
0.5
1
1.5
15
20
25
VCC + = 5 V
VCC – = 0
VIC = 4.5 V
TA = 25°C
Open Loop
No Load
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
4
2
VCC
± = ±15 V
VIC = 0
TA = 25°C
Open Loop
No Load
Figure 32
Figure 33
0
2.5
5
7.5
10 12.5 15 17.5 20 22.5 25
0
–12
– 36
– 48
– 60
48
– 24
24
12
36
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
60
10
–10
– 20
– 50
0
60
120
30
40
t – Elapsed Time – s
50
180
20
0
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
VCC
± = ±15 V
VO = 0
TA = 25°C
VO = 0
TA = 25°C
VID = – 1 V
VID = – 1 V
VID = 1 V
VID = 1 V
– 30
– 40
|VCC
±| – Supply Voltage – V
Figure 34
Figure 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com