Electronic Components Datasheet Search
  English  ▼

X  

TLE2082A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2082A
Description  EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2082A Datasheet(HTML) 2 Page - Texas Instruments

  TLE2082A Datasheet HTML 1Page - Texas Instruments TLE2082A Datasheet HTML 2Page - Texas Instruments TLE2082A Datasheet HTML 3Page - Texas Instruments TLE2082A Datasheet HTML 4Page - Texas Instruments TLE2082A Datasheet HTML 5Page - Texas Instruments TLE2082A Datasheet HTML 6Page - Texas Instruments TLE2082A Datasheet HTML 7Page - Texas Instruments TLE2082A Datasheet HTML 8Page - Texas Instruments TLE2082A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TLE2082, TLE2082A, TLE2082Y
EXCALIBUR HIGH-SPEED
JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
SLOS105A – AUGUST 1991 – REVISED AUGUST 1994
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5–2
description (continued)
The design features a 28-V/
µs minimum slew rate, which results in a high-power bandwidth. Settling time to
0.1% of a 10-V step (1 k
Ω/100-pF load) is approximately 400 ns. Gain-bandwidth product is typically 10 MHz
with an 8-MHz minimum. As such, the TLE2082 and TLE2082A offer significant speed and noise advantages
at a low 1.5-mA typical supply current per channel.
The input current characteristics traditionally associated with JFET-input amplifiers have been maintained. The
input offset voltage is graded to a 7-mV and a 4-mV maximum for the TLE2082 and the TLE2082A, respectively.
Typically, temperature coefficient of input offset voltage is 2.4
µV/°C and typical CMRR and kSVR are 98 dB and
99 dB, respectively. Device performance is relatively independent of supply voltage over the wide
±2.25-V to
±19-V range. The input common-mode voltage range extends from the positive supply down to VCC– + 4 V
without significant degradation to dynamic performance. Maximum peak output voltage swing is from
VCC+ – 1 V to VCC– + 1 V under light loading conditions. The output is capable of sourcing and sinking currents
to at least 30 mA and can sustain shorts to either supply. Care must be taken to ensure that maximum power
dissipation is not exceeded.
Both the TLE2082 and TLE2082A are available in a wide variety of packages, including both the
industry-standard 8-pin small-outline version and chip form for high-density system applications. The C-suffix
devices are characterized for operation from 0
°C to 70°C, the I-suffix devices over the –40°C to 85°C range,
and the M-suffix devices over the full military temperature range of – 55
°C to 125°C.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VCC–
VCC+
2OUT
2IN –
2IN+
D, JG, OR P PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN+
NC
FK PACKAGE
(TOP VIEW)
NC – No internal connection
symbol
+
–
OUT
IN +
IN –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com