Electronic Components Datasheet Search
  English  ▼

X  

B41607 Datasheet(PDF) 1 Page - EPCOS

Part # B41607
Description  Snap-In Capacitors Automotive Up to 150
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41607 Datasheet(HTML) 1 Page - EPCOS

  B41607 Datasheet HTML 1Page - EPCOS B41607 Datasheet HTML 2Page - EPCOS B41607 Datasheet HTML 3Page - EPCOS B41607 Datasheet HTML 4Page - EPCOS B41607 Datasheet HTML 5Page - EPCOS B41607 Datasheet HTML 6Page - EPCOS B41607 Datasheet HTML 7Page - EPCOS B41607 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
274 10/02
Long-life grade capacitors
Applications
I High-reliability equipment in automotive
power electronics, e.g. integrated starter alternator
I Applications with highest ripple current load
at high frequencies
Features
I Outstanding high reliability and long useful life
I Outstanding ripple current capability optimized
for high frequencies
I Can be operated at temperature up to 150 °C
I Vibration resistance 20 g upon request
I Overload protection (safety vent)
Construction
I Charge-discharge proof, polar
I Aluminum case, fully insulated
I Snap-in solder pins to hold component
in place on PC-board
I Minus pole marking on case surface
I Minus pole not insulated from case
Terminals
I 3 terminals: length 4,5 mm
(terminal arrangement ensures correct insertion)
Automotive – Up to 150 °C
B41607
Snap-In Capacitors
B41607


Similar Part No. - B41607

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
Large size Aluminum electrolytic capacitors
logo
TDK Electronics
B41607 TDK-B41607 Datasheet
714Kb / 17P
Aluminum electrolytic capacitors Large-size capacitors
logo
EPCOS
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
140Kb / 6P
Large size Aluminum electrolytic capacitors
B41607A0118M009 EPCOS-B41607A0118M009 Datasheet
140Kb / 6P
Large size Aluminum electrolytic capacitors
B41607A0128M002 EPCOS-B41607A0128M002 Datasheet
1,022Kb / 16P
Aluminum electrolytic capacitors
More results

Similar Description - B41607

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
Snap-In Capacitors
logo
NIC-Components Corp.
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
Radial Leaded & Snap-in Back-Up Capacitors
NEDZN NIC-NEDZN Datasheet
240Kb / 3P
Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
Radial Leaded & Snap-in Back-Up Capacitors
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
Snap-in capacitors
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com