Electronic Components Datasheet Search
  English  ▼

X  

B41607 Datasheet(PDF) 3 Page - EPCOS

Part # B41607
Description  Snap-In Capacitors Automotive Up to 150
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41607 Datasheet(HTML) 3 Page - EPCOS

  B41607 Datasheet HTML 1Page - EPCOS B41607 Datasheet HTML 2Page - EPCOS B41607 Datasheet HTML 3Page - EPCOS B41607 Datasheet HTML 4Page - EPCOS B41607 Datasheet HTML 5Page - EPCOS B41607 Datasheet HTML 6Page - EPCOS B41607 Datasheet HTML 7Page - EPCOS B41607 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
276 10/02
B41607
Automotive – Up to 150 °C
Dimensional drawing
Packing of snap-in capacitors
Dimensions (mm) Approx.
weight (g)
Packing units
(pieces)
d + 1
l
± 2
22
40
18
160
25
40
22
130
Mounting holes
Minus pole marking
For ecological reasons the packing is
pure cardboard. Components can be
withdrawn (in full or in part) in the correct
position for insertion.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com