Electronic Components Datasheet Search
  English  ▼

X  

B41607 Datasheet(PDF) 5 Page - EPCOS

Part # B41607
Description  Snap-In Capacitors Automotive Up to 150
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41607 Datasheet(HTML) 5 Page - EPCOS

  B41607 Datasheet HTML 1Page - EPCOS B41607 Datasheet HTML 2Page - EPCOS B41607 Datasheet HTML 3Page - EPCOS B41607 Datasheet HTML 4Page - EPCOS B41607 Datasheet HTML 5Page - EPCOS B41607 Datasheet HTML 6Page - EPCOS B41607 Datasheet HTML 7Page - EPCOS B41607 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
278 10/02
B41607
Automotive – Up to 150 °C
Case dimensions and ordering codes
Technical data
UR
VDC
CR
µF
Case dim.
d
× l
mm
Ordering code
3 terminals
25
2 500
22
× 40
B41607A4258M002
3 300
25
× 40
B41607A4338M002
40
1 500
22
× 40
B41607A7158M002
2 000
25
× 40
B41607A7208M002
55
1 100
22
× 40
B41607A0118M002
1 500
25
× 40
B41607A0158M002
63
800
22
× 40
B41607A8807M002
1 100
25
× 40
B41607A8118M002
CR
100 Hz
20 °C
µF
Case
dim.
d
× l
mm
ESRtyp
100 Hz
20 °C
m
Ω
ESRmax
100 Hz
20 °C
m
Ω
ESRmax
100 Hz
– 40 °C
m
Ω
ESRmax
10 kHz
20 °C
m
Ω
Zmax
100 kHz
20 °C
m
Ω
I~max
10 kHz
105 °C
A
I~R
10 kHz
125 °C
A
I~max
10 kHz
150 °C
A
25 VDC
2 500
22
× 40 25
35
115
26
25
9,9
5,6
2,8
3 300
25
× 40 20
28
80
18
17
13,5
7,6
3,8
40 VDC
1 500
22
× 40 35
48
115
26
25
9,8
5,5
2,7
2 000
25
× 40 26
36
80
18
17
13,4
7,6
3,8
55 VDC
1 100
22
× 40 40
55
115
26
25
9,7
5,5
2,7
1 500
25
× 40 30
42
80
18
17
13,4
7,5
3,7
63 VDC
800
22
× 40 45
62
115
26
25
9,6
5,4
2,7
1 100
25
× 40 32
45
80
18
17
13,3
7,4
3,7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com