Electronic Components Datasheet Search
  English  ▼

X  

B43693 Datasheet(PDF) 1 Page - EPCOS

Part # B43693
Description  Axial-lead and Soldering Star Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43693 Datasheet(HTML) 1 Page - EPCOS

  B43693 Datasheet HTML 1Page - EPCOS B43693 Datasheet HTML 2Page - EPCOS B43693 Datasheet HTML 3Page - EPCOS B43693 Datasheet HTML 4Page - EPCOS B43693 Datasheet HTML 5Page - EPCOS B43693 Datasheet HTML 6Page - EPCOS B43693 Datasheet HTML 7Page - EPCOS B43693 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
299 10/02
SIKOREL®
Applications
I For high-voltage applications in automotive
Features
I High ripple current capability
I Long useful life
I High vibration resistance
I Shelf life up to 15 years
Construction
I Charge-discharge proof, polar
I Aluminum case with insulating sleeve
I Negative pole connected to case
Terminals
I Axial leads, welded to ensure perfect electrical contact
I Also available with soldering stars
Taping and packing
I Axial-lead capacitors will be delivered in pallet package.
Capacitors with
d
× l ≤ 16 × 30 mm are also available taped on reel.
I Solder-star capacitors are packed in cardboard.
For details on taping and packing, refer to page 342.
KAL0573-K
High Voltage – 125 °C
B43693, B43793
Axial-lead and Soldering Star Capacitors
B43693
B43793


Similar Part No. - B43693

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
419Kb / 14P
Aluminum electrolytic capacitors
B43693 EPCOS-B43693 Datasheet
427Kb / 14P
Aluminum electrolytic capacitors
logo
TDK Electronics
B43693 TDK-B43693 Datasheet
410Kb / 16P
Aluminum electrolytic capacitors
logo
EPCOS
B43693A2107Q007 EPCOS-B43693A2107Q007 Datasheet
419Kb / 14P
Aluminum electrolytic capacitors
B43693A2107Q007 EPCOS-B43693A2107Q007 Datasheet
427Kb / 14P
Aluminum electrolytic capacitors
More results

Similar Description - B43693

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
Axial-lead and soldering star capacitors
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
Axial-lead and soldering star capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
Axial-Lead and Soldering Star Capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
Axial-Lead and Soldering Star Capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
Axial-lead and soldering star capacitors
B41790A5109Q001 TDK-B41790A5109Q001 Datasheet
456Kb / 18P
Axial-lead and soldering star capacitors
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
Axial-lead and soldering star capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com