Electronic Components Datasheet Search
  English  ▼

X  

B43693 Datasheet(PDF) 2 Page - EPCOS

Part # B43693
Description  Axial-lead and Soldering Star Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43693 Datasheet(HTML) 2 Page - EPCOS

  B43693 Datasheet HTML 1Page - EPCOS B43693 Datasheet HTML 2Page - EPCOS B43693 Datasheet HTML 3Page - EPCOS B43693 Datasheet HTML 4Page - EPCOS B43693 Datasheet HTML 5Page - EPCOS B43693 Datasheet HTML 6Page - EPCOS B43693 Datasheet HTML 7Page - EPCOS B43693 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
300 10/02
B43693 / B43793
High Voltage – 125 °C
Specifications and characteristics in brief
Rated voltage
UR
Surge voltage
US
160 and 250 VDC
1,15 ·
UR
Rated capacitance
CR
Capacitance tolerance
22 … 100
µF
– 10/+ 30 %
Q
Leakage current
IL
(5 min, 20 °C)
Self-inductance
ESL 1)
Useful life
125 °C;
UR; 0,5 I~R
105 °C;
UR; I~R
85 °C;
UR; I~max
40 °C;
UR; 1,9 · I~R
>
1 000 h
>
4 000 h
>
4 000 h
> 200 000 h
Requirements:
∆C/C
≤ ± 30 % of initial value
ESR
≤ 3 times initial limit
IL
≤ initial specified limit
Failure percentage:
≤ 0,5 %
Failure rate:
≤ 10 fit (≤ 10 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
105 °C;
UR
2 000 h
Post test requirements:
∆C/C
≤ ± 10 % of initial value
ESR
≤ 1,3 % of specified limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 1,5 mm, at 10 Hz to 2 kHz,
acceleration max. 20
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
40/125/56 (– 40 /+ 125 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-802
IEC 60384-4
I
L
0,006
µA
C
R
µF
-------
U
R
V
-------
⋅
èø
æö
⋅
≤
4
µA
+
Diameter
d
14 mm
16 mm
18 mm
Length
l
Terminal
Approx.
ESL (nH)
25 mm
axial / solder star
22 / 6
26 / 7
— / —
30 mm
axial / solder star
24 / 7
29 / 8
34 / 10
39 mm
axial / solder star
— / —
33 / 9
38 / 11
1) If optimum circuit design is used, the values are lower by 30 %.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com