Electronic Components Datasheet Search
  English  ▼

X  

B43693 Datasheet(PDF) 5 Page - EPCOS

Part # B43693
Description  Axial-lead and Soldering Star Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43693 Datasheet(HTML) 5 Page - EPCOS

  B43693 Datasheet HTML 1Page - EPCOS B43693 Datasheet HTML 2Page - EPCOS B43693 Datasheet HTML 3Page - EPCOS B43693 Datasheet HTML 4Page - EPCOS B43693 Datasheet HTML 5Page - EPCOS B43693 Datasheet HTML 6Page - EPCOS B43693 Datasheet HTML 7Page - EPCOS B43693 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
303 10/02
B43693 / B43793
High Voltage – 125 °C
Overview of available types
Case dimensions and ordering codes
Technical data
UR (VDC)
160
250
CR (µF)
Case dimensions
d
× l (mm)
22
14
× 30
33
14
× 30
47
16
× 30
18
× 30
68
18
× 39
100
18
× 39
UR
VDC
CR
µF
Case dim.
d
× l
mm
Ordering code
Axial
pallet package
Axial
reel
Soldering star
160
33
14
× 30
B43693A1336Q007
B43693A1336Q009
B43793A1336Q000
47
16
× 30
B43693A1476Q007
B43693A1476Q009
B43793A1476Q000
100
18
× 39
B43693A1107Q007
B43793A1107Q000
250
22
14
× 30
B43693A2226Q007
B43693A2226Q009
B43793A2226Q000
47
18
× 30
B43693A2476Q007
B43793A2476Q000
68
18
× 39
B43693A2686Q007
B43793A2686Q000
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
−40 °C
Ω
ESR max
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
I~max
10 kHz
40
°C
A
I~max
10 kHz
85
°C
A
I~R
10 kHz
105
°C
A
I~max
10 kHz
125
°C
A
160 VDC
33
1,10
1,70
20,0
530
530
3,30
2,75
1,10
0,55
47
0,75
1,20
14,0
370
360
4,15
3,45
1,40
0,70
100
0,36
0,60
7,0
175
170
6,85
5,80
2,30
1,15
250 VDC
22
1,40
2,30
25,0
540
500
3,55
2,95
1,20
0,60
47
0,65
1,10
12,0
250
230
5,20
4,35
1,75
0,87
68
0,45
0,75
8,5
170
160
7,15
6,00
2,40
1,20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com