Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4066 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4066
Description  High-Speed CMOS Logic Quad Bilateral Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4066 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC4066 Datasheet HTML 2Page - Texas Instruments CD54HC4066 Datasheet HTML 3Page - Texas Instruments CD54HC4066 Datasheet HTML 4Page - Texas Instruments CD54HC4066 Datasheet HTML 5Page - Texas Instruments CD54HC4066 Datasheet HTML 6Page - Texas Instruments CD54HC4066 Datasheet HTML 7Page - Texas Instruments CD54HC4066 Datasheet HTML 8Page - Texas Instruments CD54HC4066 Datasheet HTML 9Page - Texas Instruments CD54HC4066 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Control to Switch Feedthrough Noise
Figure 7
4.5
200
130
mV
9
550
N/A
mV
Switch “OFF” Signal Feedthrough Figure 3
Figure 8, Notes 7, 8
4.5
-72
-72
dB
Switch Input Capacitance, CS
-5
5
pF
NOTES:
6. Adjust input level for 0dBm at output, f = 1MHz.
7. VIS is centered at VCC/2.
8. Adjust input for 0dBm at VIS.
Analog Channel Specifications TA = 25oC (Continued)
PARAMETER
TEST CONDITIONS
VCC (V)
HC4066
CD74HCT4066
UNITS
Typical Performance Curves
FIGURE 1. TYPICAL “ON” RESISTANCE vs INPUT SIGNAL
VOLTAGE
FIGURE 2. SWITCH FREQUENCY RESPONSE, VCC = 4.5V
FIGURE 3. SWITCH-OFF SIGNAL FEEDTHROUGH AND CROSSTALK vs FREQUENCY, VCC = 4.5V
VCC = 4.5V, PIN 1 TO 2
50
40
30
20
10
0
01
2
3
4
5
4.5
6
7
8
9
10
INPUT SIGNAL VOLTAGE, VIS (V)
VCC = 9V, PIN 1 TO 3
TA = 25
oC, GND = 0V
CL = 10pF
VCC = 4.5V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
0
-1
-2
-3
-4
FREQUENCY, f (Hz)
104
105
106
107
108
CL = 10pF
VCC = 4.5V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
-20
-40
-60
-80
-100
FREQUENCY, f (Hz)
104
105
106
107
108
0
CD54HC4066, CD74HC4066, CD74HCT4066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com