Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4066 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4066
Description  High-Speed CMOS Logic Quad Bilateral Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4066 Datasheet(HTML) 3 Page - Texas Instruments

  CD54HC4066 Datasheet HTML 1Page - Texas Instruments CD54HC4066 Datasheet HTML 2Page - Texas Instruments CD54HC4066 Datasheet HTML 3Page - Texas Instruments CD54HC4066 Datasheet HTML 4Page - Texas Instruments CD54HC4066 Datasheet HTML 5Page - Texas Instruments CD54HC4066 Datasheet HTML 6Page - Texas Instruments CD54HC4066 Datasheet HTML 7Page - Texas Instruments CD54HC4066 Datasheet HTML 8Page - Texas Instruments CD54HC4066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 10.5V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Switch Current, IO (Note 1)
For -0.5V < VO < VCC + 0.5V. . . . . . . . . . . . . . . . . . . . . . . . . .±25mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 10V
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Time
2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (Max)
4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (Max)
6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (Max)
Thermal Resistance (Typical, Note 2)
θJA
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . .
80oC/W
M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . .
86oC/W
PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . .
113oC/W
Maximum Junction Temperature (Hermetic Package or Die) . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. In certain applications, the external load-resistor current may include both VCC and signal-line components. To avoid drawing VCC current
when switch current flows into the transmission gate inputs, (terminals 1, 4, 8 and 11) the voltage drop across the bidirectional switch
must not exceed 0.6V (calculated from RON values shown in the DC Electrical Specifications Table). No VCC current will flow through
RLif the switch current flows into terminals 2, 3, 9 and 10.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
VIS (V)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
High Level Input
Voltage
VIH
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
9
6.3
-
-
6.3
-
6.3
-
V
Low Level Input
Voltage
VIL
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
9
-
-
2.7
-
2.7
-
2.7
V
Input Leakage
Current
(Any Control)
IIL
VCC or
GND
-10
-
-
±0.1
-
±1-
±1
µA
Off-Switch Leakage
Current
IZ
VIL
VCC or
GND
10
-
-
±0.1
-
±1-
±1
µA
CD54HC4066, CD74HC4066, CD74HCT4066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com