Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4066 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4066
Description  High-Speed CMOS Logic Quad Bilateral Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4066 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC4066 Datasheet HTML 1Page - Texas Instruments CD54HC4066 Datasheet HTML 2Page - Texas Instruments CD54HC4066 Datasheet HTML 3Page - Texas Instruments CD54HC4066 Datasheet HTML 4Page - Texas Instruments CD54HC4066 Datasheet HTML 5Page - Texas Instruments CD54HC4066 Datasheet HTML 6Page - Texas Instruments CD54HC4066 Datasheet HTML 7Page - Texas Instruments CD54HC4066 Datasheet HTML 8Page - Texas Instruments CD54HC4066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS208D
Features
• Wide Analog-Input-Voltage Range . . . . . . . . . . 0V - 10V
• Low “ON” Resistance
-VCC = 4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25Ω
-VCC = 9V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15Ω
• Fast Switching and Propagation Delay Times
• Low “OFF” Leakage Current
• Wide Operating Temperature Range . . . -55oC to 125oC
• HC Types
- 2V to 10V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V and 10V
• HCT Types
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC4066 and CD74HCT4066 contain four independent
digitally controlled analog switches that use silicon-gate
CMOS technology to achieve operating speeds similar to
LSTTL with the low power consumption of standard CMOS
integrated circuits.
These switches feature the characteristic linear “ON”
resistance of the metal-gate CD4066B. Each switch is
turned on by a high-level voltage on its control input.
Pinout
CD54HC4066 (CERDIP)
CD74HC4066 (PDIP, SOIC, TSSOP)
CD74HCT4066 (PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4066F3A
-55 to 125
14 Ld CERDIP
CD74HC4066E
-55 to 125
14 Ld PDIP
CD74HC4066M
-55 to 125
14 Ld SOIC
CD74HC4066MT
-55 to 125
14 Ld SOIC
CD74HC4066M96
-55 to 125
14 Ld SOIC
CD74HC4066PW
-55 to 125
14 Ld TSSOP
CD74HC4066PWR
-55 to 125
14 Ld TSSOP
CD74HC4066PWT
-55 to 125
14 Ld TSSOP
CD74HCT4066E
-55 to 125
14 Ld PDIP
CD74HCT4066M
-55 to 125
14 Ld SOIC
CD74HCT4066MT
-55 to 125
14 Ld SOIC
CD74HCT4066M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
1Y
1Z
2Z
2Y
2E
3E
GND
VCC
1E
4E
4Y
4Z
3Z
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
February 1998 - Revised August 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4066, CD74HC4066,
CD74HCT4066
High-Speed CMOS Logic
Quad Bilateral Switch
[ /Title
(CD74H
C4066,
CD74H
CT4066
)
/Subject
(High-
Speed
CMOS
Logic
Quad


Similar Part No. - CD54HC4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066 Datasheet
478Kb / 16P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI1-CD54HC4066 Datasheet
921Kb / 19P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066F3A TI-CD54HC4066F3A Datasheet
291Kb / 14P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066F3A TI-CD54HC4066F3A Datasheet
478Kb / 16P
High-Speed CMOS Logic Quad Bilateral Switch
More results

Similar Description - CD54HC4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4016 TI-CD74HC4016 Datasheet
58Kb / 7P
High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066 TI-CD74HC4066 Datasheet
48Kb / 8P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
312Kb / 13P
HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1_14 Datasheet
871Kb / 17P
HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_15 Datasheet
850Kb / 16P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI1-CD54HC4066_17 Datasheet
921Kb / 19P
High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com