Electronic Components Datasheet Search
  English  ▼

X  

1476014 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1476014
Description  NBC-P12MSD/10,0-93E - Network cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1476014 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1476014 Datasheet HTML 1Page - PHOENIX CONTACT 1476014 Datasheet HTML 2Page - PHOENIX CONTACT 1476014 Datasheet HTML 3Page - PHOENIX CONTACT 1476014 Datasheet HTML 4Page - PHOENIX CONTACT 1476014 Datasheet HTML 5Page - PHOENIX CONTACT 1476014 Datasheet HTML 6Page - PHOENIX CONTACT 1476014 Datasheet HTML 7Page - PHOENIX CONTACT 1476014 Datasheet HTML 8Page - PHOENIX CONTACT 1476014 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Ambient temperature (operation)
-25 °C ... 85 °C
Connection 2
Type
free cable end
Cable/line
Cable length
10 m
Ethernet flexible CAT5, 2-pair [93E]
Dimensional drawing
Cable weight
42 kg/km
UL AWM Style
20963 (80°C/30 V)
Wiring standards/regulations
Electrical requirements EN 50288-2-2
Number of positions
4
Shielded
yes
Cable type
Ethernet flexible CAT5, 2-pair [93E]
Conductor structure
2x2xAWG26/7, SF/UTP
Signal runtime
5.3 ns/m
Conductor structure signal line
7x 0.16 mm
AWG signal line
26
Conductor cross section
2x 2x 0.14 mm²
Wire diameter incl. insulation
0.98 mm
External cable diameter
6.4 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
water blue RAL 5021
Conductor material
Bare Cu litz wires
Material wire insulation
Foamed PE
Single wire, color
white/orange-orange, white/green-green
Thickness, outer sheath
1.2 mm
Twisted pairs
2 cores to the pair
Overall twist
Two pairs with two fillers to the core
Optical shield covering
70 %
Insulation resistance
≥ 500 MΩ*km
Coupling resistance
≤ 100.00 mΩ/m (at 10 MHz)
Loop resistance
≤ 290.00 Ω/km
Wave impedance
100 Ω ±5 Ω (at 100 MHz)
Cable capacity
approx. 45 nF/km (at 1 kHz)
Nominal voltage, cable
≤ 100 V (Peak value, not for high-power applications)
NBC-P12MSD/10,0-93E - Network cable
1476014
https://www.phoenixcontact.com/us/products/1476014
Jan 8, 2024, 6:33 AM
Page 3 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com