Electronic Components Datasheet Search
  English  ▼

X  

1476014 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1476014
Description  NBC-P12MSD/10,0-93E - Network cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1476014 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1476014 Datasheet HTML 1Page - PHOENIX CONTACT 1476014 Datasheet HTML 2Page - PHOENIX CONTACT 1476014 Datasheet HTML 3Page - PHOENIX CONTACT 1476014 Datasheet HTML 4Page - PHOENIX CONTACT 1476014 Datasheet HTML 5Page - PHOENIX CONTACT 1476014 Datasheet HTML 6Page - PHOENIX CONTACT 1476014 Datasheet HTML 7Page - PHOENIX CONTACT 1476014 Datasheet HTML 8Page - PHOENIX CONTACT 1476014 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Network cable, Ethernet CAT5 (100 Mbps), 4-position, shielded (Advanced Shielding
Technology), Plug straight M12 Push Pull, coding: D / IP67, on free cable end, cable length: 10
m
Commercial data
Item number
1476014
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF04
Product key
BF1CJJ
GTIN
4063151889630
Weight per piece (including packing)
446.2 g
Weight per piece (excluding packing)
446.2 g
Customs tariff number
85444290
Country of origin
PL
NBC-P12MSD/10,0-93E - Network cable
1476014
https://www.phoenixcontact.com/us/products/1476014
Jan 8, 2024, 6:33 AM
Page 1 (10)


Similar Part No. - 1476014

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476012 PHOENIX-1476012 Datasheet
1Mb / 10P
NBC-P12MSD/ 2,0-93E - Network cable
1476013 PHOENIX-1476013 Datasheet
1Mb / 10P
NBC-P12MSD/ 5,0-93E - Network cable
1476016 PHOENIX-1476016 Datasheet
1Mb / 10P
NBC- 1,0-93E/P12FSD - Network cable
1476018 PHOENIX-1476018 Datasheet
1Mb / 9P
NBC- 2,0-93E/P12FSD - Network cable
1476019 PHOENIX-1476019 Datasheet
1Mb / 9P
NBC- 5,0-93E/P12FSD - Network cable
More results

Similar Description - 1476014

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476008 PHOENIX-1476008 Datasheet
1Mb / 10P
NBC-P12MSD/ 1,0-93E - Network cable
1476012 PHOENIX-1476012 Datasheet
1Mb / 10P
NBC-P12MSD/ 2,0-93E - Network cable
1476013 PHOENIX-1476013 Datasheet
1Mb / 10P
NBC-P12MSD/ 5,0-93E - Network cable
1476051 PHOENIX-1476051 Datasheet
1Mb / 10P
NBC-P12MSD/ 5,0-93E/P12MSD - Network cable
1476046 PHOENIX-1476046 Datasheet
2Mb / 11P
NBC-P12MSD/ 2,0-93E/P12FSD - Network cable
1476056 PHOENIX-1476056 Datasheet
2Mb / 11P
NBC-P12MSD/10,0-93E/P12FSD - Network cable
1476025 PHOENIX-1476025 Datasheet
1Mb / 11P
NBC-P12MSD/ 5,0-93E/R4AC - Network cable
1476027 PHOENIX-1476027 Datasheet
1Mb / 11P
NBC-P12MSD/10,0-93E/R4AC - Network cable
1476024 PHOENIX-1476024 Datasheet
1Mb / 12P
NBC-P12MSD/ 2,0-93E/R4AC - Network cable
1476058 PHOENIX-1476058 Datasheet
2Mb / 11P
NBC-P12MSD/ 5,0-93E/P12FSD - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com