Electronic Components Datasheet Search
  English  ▼

X  

1476014 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1476014
Description  NBC-P12MSD/10,0-93E - Network cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1476014 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1476014 Datasheet HTML 1Page - PHOENIX CONTACT 1476014 Datasheet HTML 2Page - PHOENIX CONTACT 1476014 Datasheet HTML 3Page - PHOENIX CONTACT 1476014 Datasheet HTML 4Page - PHOENIX CONTACT 1476014 Datasheet HTML 5Page - PHOENIX CONTACT 1476014 Datasheet HTML 6Page - PHOENIX CONTACT 1476014 Datasheet HTML 7Page - PHOENIX CONTACT 1476014 Datasheet HTML 8Page - PHOENIX CONTACT 1476014 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Test voltage Core/Core
700 V (50 Hz, 1 min.)
Test voltage Core/Shield
700 V (50 Hz, 1 min.)
Current carrying capacity of cable
2 A (according to DIN VDE 0891-1)
Minimum bending radius, fixed installation
4 x D
Minimum bending radius, flexible installation
8 x D
Smallest bending radius, fixed installation
26 mm
Smallest bending radius, movable installation
52 mm
Tensile strength
≤ 80 N
65.3 dB (with 1 MHz)
56.3 dB (at 4 МHz)
50.3 dB (at 10 MHz)
47.2 dB (at 16 MHz)
45.8 dB (at 20 МHz)
42.9 dB (at 31.25 МHz)
38.4 dB (at 62.5 МHz)
Near end crosstalk attenuation (NEXT)
35.3 dB (at 100 MHz)
62.3 dB (with 1 MHz)
53.3 dB (at 4 МHz)
47.3 dB (at 10 MHz)
44.2 dB (at 16 MHz)
42.8 dB (at 20 МHz)
39.9 dB (at 31.25 МHz)
35.4 dB (at 62.5 МHz)
Power-summated near end crosstalk attenuation (PSNEXT)
32.3 dB (at 100 MHz)
23 dB (at 4 МHz)
24.1 dB (at 8 МHz)
25 dB (at 10 MHz)
25 dB (at 16 MHz)
25 dB (at 20 МHz)
23.6 dB (at 31.25 МHz)
21.5 dB (at 62.5 МHz)
Return attenuation (RL)
20.1 dB (at 100 MHz)
3.2 dB (with 1 MHz)
6 dB (at 4 МHz)
9.5 dB (at 10 MHz)
12.1 dB (at 16 MHz)
13.6 dB (at 20 МHz)
17.1 dB (at 31.25 МHz)
24.8 dB (at 62.5 МHz)
Shield attenuation
32 dB (at 100 MHz)
Halogen-free
according to IEC 60754-1
according to IEC 60332-1-2
in acc. to UL VW1
Flame resistance
in accordance with UN ECE-R 118.03
NBC-P12MSD/10,0-93E - Network cable
1476014
https://www.phoenixcontact.com/us/products/1476014
Jan 8, 2024, 6:33 AM
Page 4 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com