Electronic Components Datasheet Search
  English  ▼

X  

SCT855Z Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SCT855Z
Description  55A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SCT855Z Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SCT855Z Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Data Sheet N2070, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SCT655Z
SCT855Z
FIG.3: Surge peak on-state current versus
number of cycles
FIG.1: Maximumpower dissipation versus RMS
on-state current
FIG.4: On-state characteristics (maximum
values)
FIG.2: RMSon-state current versus case
temperature
IT(RMS) (A)
P(w)
0
11
22
33
44
55
0
IT(RMS) (A)
Tc(℃)
0
0
25
50
75
100
125
1
10
100
1000
Number of cycles
0
80
ITSM(A)
ITM(A)
VTM(V)
0
1
2
3
4
5
1
10
Tj=25℃
44
55
66
160
240
320
20
40
60
80
11
22
33
TO-3PIns
400
480
560
600
100
Tj=Tjmax
α=180°
One cycle
tp=10ms
Marking Diagram
Mechanical Dimensions TO-220B(Non-Ins)
SYMBOL
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60 0.565
0.614
D
0.50
0.70
0.020
0.028
E
2.70
2.90
0.106
0.114
F
15.80
16.50 0.622
0.650
G
20.40
21.10 0.803
0.831
H
15.10
15.50 0.594
0.610
J
5.40
5.65
0.213
0.222
K
1.10
1.40
0.043
0.055
L
1.35
1.50
0.053
0.059
P
2.80
3.00
0.110
0.118
R
4.35
0.171
Ratings and Characteristics Curves
Where XXXXX is YYWWL
SCT655Z
= Part name
YY
= Year
WW
= Week
L
= Lot Number



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com