Electronic Components Datasheet Search
  English  ▼

X  

SCT855Z Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SCT855Z
Description  55A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SCT855Z Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SCT855Z Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N2070, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SCT655Z
SCT855Z
SCT655Z/855Z 55A SCRs
TO-251-4R
A(2)
K(1)
G(3)
TO-220B
Non-Insulated
TO-220A
Insulated
TO-220F
Insulated
1
1
1
1
2
2
2
2
3
3
3
3
TO-252-4R
1
3
2
TO-263
3
1
2
Circuit Diagram
Description
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Storage junction temperature range
TJ
-
-40-150
C
Operating junction temperature range
Tstg
-
-40-125
C
Repetitive peak off-state voltage(Tj=25℃)
VDRM
-
600/800
V
Repetitive peak reverse voltage(Tj=25℃)
VRRM
-
600/800
V
RMS on-state current
I(TRMS)
TO-3P Ins (TC=80℃)
55
A
Non repetitive surge peak on-state current
(tp=10ms)
ITSM
-
520
A
I2t value for fusing (tp=10ms)
I2t
-
1350
A2s
Critical rate of rise of on-state current
(IG=2×IGT)
dI/dt
-
150
A/μs
Peak gate current
IGM
-
5
A
Peak gate power
PGM
-
10
W
Average gate power dissipation (Tj=125℃)
PG(AV)
-
1
W
With high ability to withstand the shock loading of large current, SCT655/855 SCRs provide high dv/dt rate with strong
resistance to electromagnetic interference. They are especially recommended for use on solid state relay, motorcycle,
power charger, T-tools etc.
TO-3P Insulated


Similar Part No. - SCT855Z

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT8050QT YHDC-SCT8050QT Datasheet
7Mb / 1P
Split core current transformer
SCT8080QT YHDC-SCT8080QT Datasheet
1Mb / 1P
Split core current transformer
logo
SMC Diode Solutions Co....
SCT812C SMCDIODE-SCT812C Datasheet
339Kb / 5P
12A SCRs
Rev.A
SCT812K SMCDIODE-SCT812K Datasheet
339Kb / 5P
12A SCRs
Rev.A
SCT812KTR SMCDIODE-SCT812KTR Datasheet
339Kb / 5P
12A SCRs
Rev.A
More results

Similar Description - SCT855Z

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
JIEJIE MICROELECTRONICS...
JCT6055 JIEJIE-JCT6055 Datasheet
408Kb / 3P
55A SCRs
logo
Nell Semiconductor Co.,...
55PT06AI NELLSEMI-55PT06AI Datasheet
898Kb / 5P
Stansard SCRs, 55A
55PT NELLSEMI-55PT_14 Datasheet
652Kb / 5P
Stansard SCRs, 55A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
JIEJIE MICROELECTRONICS...
JCT655 JIEJIE-JCT655 Datasheet
445Kb / 5P
55A SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com