Electronic Components Datasheet Search
  English  ▼

X  

SCT855Z Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # SCT855Z
Description  55A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SCT855Z Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  SCT855Z Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SCT855Z Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Data Sheet N2070, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SCT655Z
SCT855Z
FIG.3: Surge peak on-state current versus
number of cycles
FIG.1: Maximumpower dissipation versus RMS
on-state current
FIG.4: On-state characteristics (maximum
values)
FIG.2: RMS on-state current versus case
temperature
IT(RMS) (A)
P(w)
0
11
22
33
44
55
0
IT(RMS) (A)
Tc(℃)
0
0
25
50
75
100
125
1
10
100
1000
Number of cycles
0
80
ITSM(A)
ITM(A)
VTM(V)
0
1
2
3
4
5
1
10
Tj=25℃
44
55
66
160
240
320
20
40
60
80
11
22
33
TO-3P Ins
400
480
560
600
100
Tj=Tjmax
α=180°
One cycle
tp=10ms
FIG.6: Relative variations of gate trigger
current, holding current and latching current
versus junction temperature
FIG.5: Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms, and
corresponging value of I t (dI/dt < 150A/μs)
tp(ms)
0.01
0.1
1
10
10
ITSM(A), I t (As)
-40 -20
0
20 40 60 80 100 120 140
IGT,IH,IL(Tj)/IGT,IH,IL(Tj=25℃)
0.0
0.5
1.5
2.0
3.0
2
2
2
1.0
2.5
Tj(℃)
1000
5000
100
dI/dt
ITSM
I t2
IH&IL
IGT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com