Electronic Components Datasheet Search
  English  ▼

X  

MS6890 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6890
Description  Mono 1.1W Power Amplifier Low Voltage Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6890 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6890 Datasheet HTML 1Page - MOSA ELECTRONICS MS6890 Datasheet HTML 2Page - MOSA ELECTRONICS MS6890 Datasheet HTML 3Page - MOSA ELECTRONICS MS6890 Datasheet HTML 4Page - MOSA ELECTRONICS MS6890 Datasheet HTML 5Page - MOSA ELECTRONICS MS6890 Datasheet HTML 6Page - MOSA ELECTRONICS MS6890 Datasheet HTML 7Page - MOSA ELECTRONICS MS6890 Datasheet HTML 8Page - MOSA ELECTRONICS MS6890 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MOSA
MS6890
Mono 1.1W Power Amplifier with Shutdown
REV 1.0
2
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
/SHDN
1
/Shutdown places the entire device in shutdown mode when held low.
TTL compatible input.
BP
2
Bypass is the cap to the voltage divider for internal mid-supply bias.
This terminal should be connected to a 0.1-µF to 10-µF capacitor CBP.
+IN
3
Non-inverting input
-IN
4
Inverting input
Vo1
5
BTL negative output
VDD
6
Supply voltage
GND
7
Ground
Vo2
8
BTL positive output
SOP8, MSOP8
7
6
5
8
2
3
4
1
Thermal
Pad
Vo2
GND
V
DD
Vo1
SHDN
BP
+IN
-IN
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
8-Pin SOP (lead free)
MS6890GTR
6890G
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MS6890GU
6890G
100 Units Tube
8-Pin MSOP (lead free)
MS6890MGTR
6890G
3.5k Units Tape and Reel
8-Pin MSOP (lead free)
MS6890MGU
6890G
80 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6
V
VESD
Electrostatic handling
3500
V
TSTG
Storage temperature range
-65 to 150
℃
TA
Operating ambient temperature range
-40 to 85
℃
TJ
Maximum junction temperature
150
℃
TS
Soldering temperature, 10 seconds
260
℃
RTHJA
Thermal resistance from junction to ambient in free air
SOP8 (enhance thermal pad)
MSOP8 (enhance thermal pad)
50
50
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com