Electronic Components Datasheet Search
  English  ▼

X  

MS6890 Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6890
Description  Mono 1.1W Power Amplifier Low Voltage Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6890 Datasheet(HTML) 7 Page - MOSA ELECTRONICS

Back Button MS6890 Datasheet HTML 2Page - MOSA ELECTRONICS MS6890 Datasheet HTML 3Page - MOSA ELECTRONICS MS6890 Datasheet HTML 4Page - MOSA ELECTRONICS MS6890 Datasheet HTML 5Page - MOSA ELECTRONICS MS6890 Datasheet HTML 6Page - MOSA ELECTRONICS MS6890 Datasheet HTML 7Page - MOSA ELECTRONICS MS6890 Datasheet HTML 8Page - MOSA ELECTRONICS MS6890 Datasheet HTML 9Page - MOSA ELECTRONICS MS6890 Datasheet HTML 10Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MOSA
MS6890
Mono 1.1W Power Amplifier with Shutdown
REV 1.0
7
www.mosanalog.com
EXTERNAL DIMENSIONS
SOP8 (Thermal Pad)
H
E
D
A
A1
e
B
C
L
W2
W1
MSOP8 (Thermal Pad)
A
A1
B
C
L
D
H
E
A2
e
W1
W2
Thermal Pad
Note : Die pad exposure size is according to lead frame design.
Dimension in mm Dimension in inch
Symbol
Min
Max
Min
Max
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.0075
0.0098
D
4.80
5.00
0.1890
0.1968
H
5.80
6.20
0.2284
0.2440
E
3.80
4.00
0.1497
0.1574
e
1.27 BSC
0.050 BSC
L
0.40
1.27
0.016
0.050
W1
2.159
2.413
0.085
0.095
W2
2.159
2.413
0.085
0.095
Dimension in mm Dimension in inch
Symbol
Min
Max
Min
Max
A
0.81
1.12
0.032
0.048
A1
0.05
0.15
0.002
0.006
A2
0.76
0.86
0.030
0.038
B
0.28
0.38
0.011
0.015
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
H
4.70
5.10
0.185
0.201
E
2.90
3.10
0.114
0.122
e
0.65
0.026
L
0.40
0.66
0.016
0.026
W1
1.27
1.52
0.050
0.060
W2
1.02
1.27
0.040
0.050



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com