Electronic Components Datasheet Search
  English  ▼

X  

MS6890 Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6890
Description  Mono 1.1W Power Amplifier Low Voltage Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6890 Datasheet(HTML) 8 Page - MOSA ELECTRONICS

Back Button MS6890 Datasheet HTML 2Page - MOSA ELECTRONICS MS6890 Datasheet HTML 3Page - MOSA ELECTRONICS MS6890 Datasheet HTML 4Page - MOSA ELECTRONICS MS6890 Datasheet HTML 5Page - MOSA ELECTRONICS MS6890 Datasheet HTML 6Page - MOSA ELECTRONICS MS6890 Datasheet HTML 7Page - MOSA ELECTRONICS MS6890 Datasheet HTML 8Page - MOSA ELECTRONICS MS6890 Datasheet HTML 9Page - MOSA ELECTRONICS MS6890 Datasheet HTML 10Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MOSA
MS6890
Mono 1.1W Power Amplifier with Shutdown
REV 1.0
8
www.mosanalog.com
TAPE AND REEL
(Unit : mm)
3.0
3.6
12.0
6.9
8.0
5.5
1.75
5.4
2.0
4.0
1.5+0.1/-0.0 DIA
0.5 Radius Typical
1.5 MIN
0.30
0.3R MAX
1.7
2.0
0.05
0.05
0.05
0.3
SOP8
3.4
4.2
12.0
5.2
8.0
5.5
1.75
3.3
2.0
4.0
1.5+0.1/-0.0
0.3 Typical
1.5 MIN
0.30
0.3R MAX
1.2
1.6
0.05
0.05
0.05
0.3
MSOP8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com