Electronic Components Datasheet Search
  English  ▼

X  

1392829 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1392829
Description  SAC-4P-P12MR/ 5,0-PUR - Sensor/actuator cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1392829 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1392829 Datasheet HTML 1Page - PHOENIX CONTACT 1392829 Datasheet HTML 2Page - PHOENIX CONTACT 1392829 Datasheet HTML 3Page - PHOENIX CONTACT 1392829 Datasheet HTML 4Page - PHOENIX CONTACT 1392829 Datasheet HTML 5Page - PHOENIX CONTACT 1392829 Datasheet HTML 6Page - PHOENIX CONTACT 1392829 Datasheet HTML 7Page - PHOENIX CONTACT 1392829 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Type
Plug angled M12 Push Pull
Number of positions
4
Locking type
Push Pull
Coding type
A
Connection 2
Type
free cable end
Cable/line
Cable length
5 m
PUR halogen-free black [PUR]
Dimensional drawing
Cable weight
30 kg/km
UL AWM Style
20549 / 10493 (80°C/300 V)
Number of positions
4
Shielded
no
Cable type
PUR halogen-free black [PUR]
Conductor structure signal line
42x 0.10 mm
AWG signal line
22
Conductor cross section
4x 0.34 mm² (Signal line)
Wire diameter incl. insulation
1.27 mm ±0.02 mm
External cable diameter
4.20 mm ±0.15 mm
Outer sheath, material
PUR
External sheath, color
black-gray RAL 7021
Conductor material
Bare Cu litz wires
Material wire insulation
PP
Single wire, color
brown, white, blue, black
Thickness, insulation
≥ 0.21 mm
Thickness, outer sheath
approx. 0.50 mm
Overall twist
4 wires, twisted
Max. conductor resistance
≤ 58 Ω/km
Insulation resistance
≥ 1 GΩ*km
Nominal voltage, cable
≤ 300 V
Test voltage
≥ 3000 V
Minimum bending radius, fixed installation
5 x D
Minimum bending radius, flexible installation
10 x D
Smallest bending radius, fixed installation
21 mm
SAC-4P-P12MR/ 5,0-PUR - Sensor/actuator cable
1392829
https://www.phoenixcontact.com/us/products/1392829
Apr 15, 2024, 5:50 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com