Electronic Components Datasheet Search
  English  ▼

X  

1392829 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1392829
Description  SAC-4P-P12MR/ 5,0-PUR - Sensor/actuator cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1392829 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1392829 Datasheet HTML 1Page - PHOENIX CONTACT 1392829 Datasheet HTML 2Page - PHOENIX CONTACT 1392829 Datasheet HTML 3Page - PHOENIX CONTACT 1392829 Datasheet HTML 4Page - PHOENIX CONTACT 1392829 Datasheet HTML 5Page - PHOENIX CONTACT 1392829 Datasheet HTML 6Page - PHOENIX CONTACT 1392829 Datasheet HTML 7Page - PHOENIX CONTACT 1392829 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, Plug angled M12
Push Pull, coding: A, on free cable end, cable length: 5 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Save time, thanks to installation with push-pull fast locking
•
Commercial data
Item number
1392829
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CCC
GTIN
4063151818319
Weight per piece (including packing)
137.65 g
Weight per piece (excluding packing)
137.65 g
Customs tariff number
85444290
Country of origin
PL
SAC-4P-P12MR/ 5,0-PUR - Sensor/actuator cable
1392829
https://www.phoenixcontact.com/us/products/1392829
Apr 15, 2024, 5:50 AM
Page 1 (8)


Similar Part No. - 1392829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1392834 PHOENIX-1392834 Datasheet
431Kb / 8P
SAC-4P-P12MR/10,0-PUR - Sensor/actuator cable
More results

Similar Description - 1392829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1224169 PHOENIX-1224169 Datasheet
1Mb / 5P
Sensor/actuator cable - SAC-4P-P12MR/ 1,5-PUR/P12FS
01/13/2022
1668124 PHOENIX-1668124 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M12FS
09/11/2020
1681800 PHOENIX-1681800 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-4P-M 8MS/5,0-PUR
09/11/2020
1694075 PHOENIX-1694075 Datasheet
81Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PUR/M12FS
12/07/2018
1476798 PHOENIX-1476798 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
1476846 PHOENIX-1476846 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
1476850 PHOENIX-1476850 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476897 PHOENIX-1476897 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
1224204 PHOENIX-1224204 Datasheet
380Kb / 8P
SAC-4P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1476848 PHOENIX-1476848 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com