Electronic Components Datasheet Search
  English  ▼

X  

1392829 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1392829
Description  SAC-4P-P12MR/ 5,0-PUR - Sensor/actuator cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1392829 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1392829 Datasheet HTML 1Page - PHOENIX CONTACT 1392829 Datasheet HTML 2Page - PHOENIX CONTACT 1392829 Datasheet HTML 3Page - PHOENIX CONTACT 1392829 Datasheet HTML 4Page - PHOENIX CONTACT 1392829 Datasheet HTML 5Page - PHOENIX CONTACT 1392829 Datasheet HTML 6Page - PHOENIX CONTACT 1392829 Datasheet HTML 7Page - PHOENIX CONTACT 1392829 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Smallest bending radius, movable installation
42 mm
Max. bending cycles
10000000
in accordance with DIN VDE 0472 part 815
Halogen-free
in accordance with DIN EN 50267-2-1
in accordance with UL 758/1581 FT2
Flame resistance
DIN EN 60332-2-2 (20 s)
Resistance to oil
in accordance with DIN EN 60811-2-1
Highly resistant to acids, alkaline solutions and solvents
hydrolysis and microbe resistant
partly UV-resistant (in accordance with DIN EN ISO 4892-2-A)
Low adhesion
Other resistance
abrasion-resistant
Flexible cable conduit capable
Silicone-free
Free of substances which would hinder coating with paint or
varnish
Special properties
flexible
-40 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-25 °C ... 80 °C (Cable, flexible installation)
Environmental and real-life conditions
Ambient conditions
IP65
Degree of protection
IP67
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
Standards and regulations
Standard designation
M12-Push-Pull
Standards/specifications
IEC 61076-2-010
SAC-4P-P12MR/ 5,0-PUR - Sensor/actuator cable
1392829
https://www.phoenixcontact.com/us/products/1392829
Apr 15, 2024, 5:50 AM
Page 4 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com