Electronic Components Datasheet Search
  English  ▼

X  

DSP56852 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # DSP56852
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56852 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56852 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Synchronous Serial Interface (SSI) Timing
56852 Technical Data, Rev. 8
Freescale Semiconductor
33
4.10 Synchronous Serial Interface (SSI) Timing
Table 4-11 SSI Master Mode1 Switching Characteristics
Operating Conditions: VSS = VSSIO = VSSA = 0V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL < 50pF, fop = 120MHz
1. Master mode is internally generated clocks and frame syncs
Parameter
Symbol
Min
Typ
Max
Units
STCK frequency
fs
152
MHz
STCK period3
tSCKW
66.7
ns
STCK high time
tSCKH
33.4
ns
STCK low time
tSCKL
33.4
ns
Output clock rise/fall time
4
ns
Delay from STCK high to STFS (bl) high - Master4
tTFSBHM
-1.0
-0.1
ns
Delay from STCK high to STFS (wl) high - Master4
tTFSWHM
-1.0
-0.1
ns
Delay from SRCK high to SRFS (bl) high - Master4
tRFSBHM
0.1
1.0
ns
Delay from SRCK high to SRFS (wl) high - Master4
tRFSWHM
0.1
1.0
ns
Delay from STCK high to STFS (bl) low - Master4
tTFSBLM
-1.0
-0.1
ns
Delay from STCK high to STFS (wl) low - Master4
tTFSWLM
-1.0
-0.1
ns
Delay from SRCK high to SRFS (bl) low - Master4
tRFSBLM
-0.1
0.1
ns
Delay from SRCK high to SRFS (wl) low - Master4
tRFSWLM
-0.1
0.1
ns
STCK high to STXD enable from high impedance - Master
tTXEM
0
1
ns
STCK high to STXD valid - Master
tTXVM
0
1
ns
STCK high to STXD not valid - Master
tTXNVM
-0.1
0
ns
STCK high to STXD high impedance - Master
tTXHIM
-4
0
ns
SRXD Setup time before SRCK low - Master
tSM
4
ns
SRXD Hold time after SRCK low - Master
tHM
4
ns
Synchronous Operation (in addition to standard internal clock parameters)
SRXD Setup time before STCK low - Master
tTSM
4
SRXD Hold time after STCK low - Master
tTHM
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com