Electronic Components Datasheet Search
  English  ▼

X  

DSP56852 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56852
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56852 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56852 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DC Electrical Characteristics
56852 Technical Data, Rev. 8
Freescale Semiconductor
17
4.2 DC Electrical Characteristics
Table 4-3 Thermal Characteristics1
1. See Section 6.1 for more detail.
Characteristic
81-pin MAPBGA
Symbol
Value
Unit
Thermal resistance junction-to-ambient
(estimated)
θJA
36.9
°C/W
I/O pin power dissipation
PI/O
User Determined
W
Power dissipation
PD
PD = (IDD × VDD) + PI/O
W
Maximum allowed PD
PDMAX
(TJ – TA) / RθJA2
2. TJ = Junction Temperature
TA = Ambient Temperature
W
Table 4-4 DC Electrical Characteristics
Operating Conditions: VSS = VSSIO = VSSA = 0V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL < 50pF, fop = 120MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Input high voltage (XTAL/EXTAL)
VIHC
VDDA – 0.8
VDDA
VDDA + 0.3
V
Input low voltage (XTAL/EXTAL)
VILC
-0.3
—
0.5
V
Input high voltage
VIH
2.0
—
5.5
V
Input low voltage
VIL
-0.3
—
0.8
V
Input current low (pullups disabled)
IIL
-1
—
1
μA
Input current high (pullups disabled)
IIH
-1
—
1
μA
Output tri-state current low
IOZL
-10
—
10
μA
Output tri-state current high
IOZH
-10
—
10
μA
Output High Voltage at IOH
VOH
VDDIO – 0.7
—
—
V
Output Low Voltage at IOL
VOL
—
—
0.4
V
Output High Current at VOH
IOH
8
—
16
mA
Output Low Current at VOL
IOL
8
—
16
mA
Input capacitance
CIN
—
8
—
pF
Output capacitance
COUT
—
12
—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com