Electronic Components Datasheet Search
  English  ▼

X  

ADPA9007-2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA9007-2
Description  DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9007-2 Datasheet(HTML) 5 Page - Analog Devices

  ADPA9007-2 Datasheet HTML 1Page - Analog Devices ADPA9007-2 Datasheet HTML 2Page - Analog Devices ADPA9007-2 Datasheet HTML 3Page - Analog Devices ADPA9007-2 Datasheet HTML 4Page - Analog Devices ADPA9007-2 Datasheet HTML 5Page - Analog Devices ADPA9007-2 Datasheet HTML 6Page - Analog Devices ADPA9007-2 Datasheet HTML 7Page - Analog Devices ADPA9007-2 Datasheet HTML 8Page - Analog Devices ADPA9007-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADPA9007-2
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 28
24 GH
z TO 28 GHz FREQUENCY RANGE
TCASE = 25°C, VDD = 15 V, and IDQ = 500 mA, unless otherwise noted. Adjust the VGG1 from −1.5 V to 0 V to achieve IDQ = 500 mA typical.
Table 5. 24 GHz to 28 GHz Frequency Range
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
24
28
GHz
GAIN
10.5
12.5
dB
Flatness
±0.3
dB
Variation over Temperature
0.011
NOISE FIGURE
4.5
dB
RETURN LOSS
Input
17
dB
Output
17
dB
OUTPUT
OP1dB
26
28
dBm
PSAT
30
dBm
OIP3
POUT per tone = 16 dBm with 1 MHz tone spacing
40
dBm
SUPPLY
IDQ
Adjust VGG1 to achieve IDQ = 500 mA typical
500
mA
VDD
10
15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com