Electronic Components Datasheet Search
  English  ▼

X  

ADPA9007-2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPA9007-2
Description  DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9007-2 Datasheet(HTML) 2 Page - Analog Devices

  ADPA9007-2 Datasheet HTML 1Page - Analog Devices ADPA9007-2 Datasheet HTML 2Page - Analog Devices ADPA9007-2 Datasheet HTML 3Page - Analog Devices ADPA9007-2 Datasheet HTML 4Page - Analog Devices ADPA9007-2 Datasheet HTML 5Page - Analog Devices ADPA9007-2 Datasheet HTML 6Page - Analog Devices ADPA9007-2 Datasheet HTML 7Page - Analog Devices ADPA9007-2 Datasheet HTML 8Page - Analog Devices ADPA9007-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Data Sheet
ADPA9007-2
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 28
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
0.05 GHz to 8 GHz Frequency Range............... 3
8 GHz to 16 GHz Frequency Range.................. 3
16 GHz to 20 GHz Frequency Range................ 4
20 GHz to 24 GHz Frequency Range ............... 4
24 GHz to 28 GHz Frequency Range................ 5
Absolute Maximum Ratings...................................6
Thermal Resistance........................................... 6
Electrostatic Discharge (ESD) Ratings ..............6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Interface Schematics..........................................8
Typical Performance Characteristics..................... 9
Theory of Operation.............................................22
Applications Information...................................... 23
Power-Up Sequence........................................ 24
Power-Down Sequence....................................24
Biasing the ADPA9007-2CHIP with the
HMC980LP4E....................................................25
Assembly Diagram.............................................. 26
Mounting and Bonding Techniques for
Millimeterwave, GaAs, MMICs.......................... 27
Handling Precautions....................................... 27
Mounting...........................................................27
Wire Bonding....................................................27
Outline Dimensions............................................. 28
Ordering Guide.................................................28
REVISION HISTORY
4/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com