Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM8056
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 30Page - Analog Devices LTM8056 Datasheet HTML 31Page - Analog Devices LTM8056 Datasheet HTML 32Page - Analog Devices LTM8056 Datasheet HTML 33Page - Analog Devices LTM8056 Datasheet HTML 34Page - Analog Devices LTM8056 Datasheet HTML 35Page - Analog Devices LTM8056 Datasheet HTML 36Page - Analog Devices LTM8056 Datasheet HTML 37Page - Analog Devices LTM8056 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
34 of 59
Multiple LT8210-1 can share common resistor dividers for the FB1 and FB2 inputs, although routing these noise
sensitive signals between phases can affect stability. Alternatively, each phase can use its own FB1 and FB2 dividers
at the expense of less accurate current sharing. This can be mitigated by using 0.1% tolerance resistors for the
feedback dividers.
Buck Foldback
The LT8210-1 actively prevents inductor current runaway while the buck loop is switching. The inductor current can
run away when its rising slope exceeds the falling slope to such a degree that the current continues to increase each
period even while switching at the minimum SW1 duty cycle. A buck regulator is most susceptible to runaway when
the output voltage is near ground, causing the inductor current falling slope to be flat. This situation is exacerbated
by a high input voltage and a high switching frequency. To prevent runaway, the LT8210-1 may skip switch A pulses
while VOUT is less than 10% of VINP and the FB1 voltage is lower than 900mV. At the start of the switch A on-time, the
sensed inductor current must be below an internally set pulse-skipping threshold; otherwise, the next pulse on
switch A will be skipped. If the inductor current exceeds the pulse-skipping threshold on the next switch A turn-on,
the following three pulses will be skipped, and so on. The foldback circuit increases the number of skipped pulses
with each successive switch A pulse where this threshold is exceeded; otherwise, the skip count is reset. In addition
to preventing inductor runaway, the LT8210-1 foldback scheme significantly reduces switch A power dissipation in a
short circuit condition. When the output is shorted to ground, the power dissipation in switch A is dominated by
transitional losses as it turns on and off. Reducing the number of switch A pulses over a given period reduces the
dissipated power proportionally. The boost loop is naturally protected from inductor current runaway in the LT8210-
1 as it can only occur when VINP ~ VOUT, which is within the buck-boost region. While the buck loop is simultaneously
controlling the inductor current each cycle, it is not possible for the boost channel to run away.
PWGD Pin
The PWGD pin is an open drain logic output that goes high when the output voltage and IMON pin voltage are within
preset limits after switching is enabled. The internal PWGD pull-down is released when VOUT is within ±10% of its
programmed value. In CCM and DCM operations, this occurs when the FB1 voltage is within ±10% of the 1.00V
reference. In pass-thru mode, PWGD will go high when VFB1> 0.90V and VFB2 < 1.10V, indicating that the output voltage
is within ±10% of the programmed output pass-thru window. PWGD will be pulled low if the voltage on the IMON pin
exceeds 1.20V, indicating that the average current exceeds its programmed limit by 20% or more. The LT8210-1
includes a built-in self-test to confirm the system reference circuitry is functioning properly. This reference voltage
is used for voltage regulation, current regulation, clock generation, and fault detection. If the system reference is
outside of preset tolerances, switching is disabled, and the PWGD pin is pulled low. Switching will also be disabled,
and the PWGD pin will be pulled low if the VINP, GATEVCC, VDD, or DG pin voltages fall below their respective
undervoltage lockout thresholds. The PWGD pin pull-up resistor can be connected to any external rail up to 40V.
Using either VDD or GATEVCC as the pull-up supply has the added advantage that PWGD will be in the correct state
when the LT8210-1 is disabled. Figure 59 shows the conditions that determine the state of the PWGD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com