Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM8056
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 4Page - Analog Devices LTM8056 Datasheet HTML 5Page - Analog Devices LTM8056 Datasheet HTML 6Page - Analog Devices LTM8056 Datasheet HTML 7Page - Analog Devices LTM8056 Datasheet HTML 8Page - Analog Devices LTM8056 Datasheet HTML 9Page - Analog Devices LTM8056 Datasheet HTML 10Page - Analog Devices LTM8056 Datasheet HTML 11Page - Analog Devices LTM8056 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
8 of 59
(Specifications are at TA = 25°C. VIN = 12V, VINP = 12V, VEN/UVLO = 3.3V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
VC1, VC2Output
Impedance
5
MΩ
VC1, VC2Maximum
Sourcing Current
IVC1_SOURCE
IVC2_SOURCE
VFB1 = VFB2 = 0V
35
µA
VC1, VC2Maximum
Sinking Current
IVC1_SINK
IVC2_SINK
VFB1 = VFB2= 2V
–35
µA
Soft-Start Charging
Current
ISS
VSS = 0.5V
-40°C ≤ TJ ≤ 125°C
3.5
5
6
µA
Soft-Start Pull-Down
Resistance
RSS_PD
140
250
Ω
Average Current Monitoring / Sharing / Limiting
SNSP2, SNSN2
Operating Voltage
Range
VSNSP2_OPR
VSNSN2_OPR
-40°C ≤ TJ ≤ 125°C
0
100
V
SNSP2, SNSN2 Pin
Bias Current
IB_SNSP2
VSNSP2 = VSNSN2 = 100V
1
3
µA
IB_SNSN2
VSNSP2 = VSNSN2= 0V
–3
0
IMON Output Current
IMON
VSNSP2 – VSNSN2=
150mV
-40°C ≤ TJ ≤ 125°C
84
90
95
µA
VSNSP2 – VSNSN2 =
50mV
-40°C ≤ TJ ≤ 125°C
27
30
33
VSNSP2 – VSNSN2 =
10mV
-40°C ≤ TJ ≤ 125°C
4
6
8
Current Sharing
Mismatch (VSNSP2–
VSNSN2)
VSNSP2 – VSNSN2= 50mV, RIMON = 11kΩ
5
mV
IMON DC CMRR
VSNSP2 – VSNSN2 = 150mV, VSNSP2 = 3V
to 100V
110
dB
IMON Step Response
Time
Step VSNSP2 – VSNSN2 from 0mV to
150mV
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com