Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM8056
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 5Page - Analog Devices LTM8056 Datasheet HTML 6Page - Analog Devices LTM8056 Datasheet HTML 7Page - Analog Devices LTM8056 Datasheet HTML 8Page - Analog Devices LTM8056 Datasheet HTML 9Page - Analog Devices LTM8056 Datasheet HTML 10Page - Analog Devices LTM8056 Datasheet HTML 11Page - Analog Devices LTM8056 Datasheet HTML 12Page - Analog Devices LTM8056 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
9 of 59
(Specifications are at TA = 25°C. VIN = 12V, VINP = 12V, VEN/UVLO = 3.3V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Overcurrent Warning
Threshold (VIMON)
VIMON
Rising
-40°C ≤ TJ ≤ 125°C
1.15
1.2
1.24
V
Overcurrent Warning
Hysteresis
VHYST_OC
45
mV
IMON Disable
Threshold (VIMON)
VIMON_TH
Rising
-40°C ≤ TJ ≤ 125°C
2.3
2.5
2.8
V
IMON Disable
Hysteresis
VHYST_IMON
400
mV
Cycle-by-Cycle Inductor Current Limiting
Maximum Current
Sense Threshold
(VSNSP1 – VSNSN1)
VSNS_TH
Buck Regulation
(VINP = 24V, VOUT =
0V)
-40°C ≤ TJ ≤ 125°C
45
53
61
mV
Maximum Current
Sense Threshold
(VSNSP1– VSNSN1)
VSNS_TH
Buck Regulation
(VINP= 24V, VOUT =
12V)
-40°C ≤ TJ ≤ 125°C
55
62
70
mV
Boost Regulation
(VINP = 6V, VOUT =
12V)
-40°C ≤ TJ ≤ 125°C
45
51
58
Buck Regulation
(VINP = 100V, VOUT
= 48V)
-40°C ≤ TJ ≤ 125°C
73
85
101
Boost Regulation
(VINP = 24V, VOUT =
48V)
-40°C ≤ TJ ≤ 125°C
36
45
54
Maximum Non-
Switching Current
Sense Threshold in
Pass-Thru (VSNSP1 –
VSNSN1)
VSNS_TH_PT
VOUT = VINP, FB1 =
1.2V, FB2 = 0.8V
MODE1 = MODE2
= 3.3V
-40°C ≤ TJ ≤ 125°C
57
63
70
mV
Reverse Current Sense
Threshold (VSNSP1 –
VSNSN1)
VSNS_REV_TH
DCM/Pass-Thru Modes
3
mV
Pass-Thru Buck-Boost Regions
–6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com