Electronic Components Datasheet Search
  English  ▼

X  

PAC7111 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # PAC7111
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7111 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button PAC7111 Datasheet HTML 36Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 37Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 38Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 39Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 40Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 41Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 42Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 43Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Device Pin Assignments
Freescale Semiconductor
40
Table 38. Power Supply, Voltage Regulator and Reference Pin Assignments
Pin Name
Pin Number (by Device)
7101 / 7106 /
7111 / 7112 / 7116
7121 / 7122 / 7126
7131 / 7136
7141 / 7142
VDDX
14, 50, 64, 87, 124
10, 38, 66
C9, H4, K16, P7, P10
6, 35, 62
VSSX
13, 49, 63, 86, 125
7101 / 7106 / 7112 only:
79
9, 37, 65
A1, A2, B1, B2, F4, G7,
G8, G9, G10, H7, H8, H9,
H10, J7, J8, J9, J10, K7,
K8, K9, K10, M4, M13,
R9, R10, R16, T1, T2,
T15, T16
7131 only:
C3, D4, D5, E4, G4, J4,
K4, L4, N4, N11, N12,
N13, P3, P14, R9, R10
5, 34, 61
VDDR56
44
P9
41
VSSR
55
43
N5, N6
40
VDD2.5
53, 127
41, 101
C8, P8
38, 92
VSS2.5
54, 126
42, 100
D6, D7, N7, N8
39, 91
VDDPLL
57
45
T8
42
VSSPLL
59
47
N9, N10
44
VDDA
109
85
A16, B15, C13
76
VSSA
112
88
D11, D12
79
VRH
110
86
A15
77
VRL
111
87
A14
78
TEST 1
NOTES:
1. This pin is reserved for Freescale factory testing, and must be tied to system ground in all applications.
62
50
R11
47
N/C
———
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com