Electronic Components Datasheet Search
  English  ▼

X  

PAC7111 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # PAC7111
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7111 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button PAC7111 Datasheet HTML 14Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 15Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 16Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 17Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 18Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 19Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 20Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 21Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
18
3.8.3
PLL Characteristics
3.8.4
Crystal Monitor Time-out
The time-out Table 21 shows the delay for the crystal monitor to trigger when the clock stops, either at the high
or at the low level. The corresponding clock period with an ideal 50% duty cycle is twice this time-out value.
3.8.5
Clock Quality Checker
The timing for the clock quality check is derived from the oscillator and the VCO frequency range in
Table 20. These numbers define the upper time limit for the individual check windows to complete.
Table 20. PLL Characteristics
Num C
Rating
Symbol
Min
Typ
Max
Unit
K1
PLL reference frequency, crystal oscillator range
fREF
0.5
—
16
MHz
K2
P Self Clock Mode frequency
fSCM
2—
5.5
MHz
K3
D VCO locking range
fVCO
1
NOTES:
1. If CLKSEL[PLLSEL] is set then the system clock (fSYS) is equal to fVCO, otherwise it is equal to fOSC (table Table 19,
J1a or J1b). Throughout this document, tSYS is used to specify a unit of time equal to 1 ÷ fSYS.
8—
50
MHz
K4
D Lock Detector transition from Acquisition to Tracking mode
|Δ
trk|
3—4
% 2
2. Percentage deviation from target frequency
K5
D Lock Detection
|Δ
Lock|
0—
1.5
% 2
K6
D Un-Lock Detection
|Δ
unl|
0.5
—
2.5
% 2
K7
D Lock Detector transition from Tracking to Acquisition mode
|Δ
unt|
6—8
% 2
K8
C PLLON Total Stabilization delay (Auto Mode) 3
3. PLL stabilization delay is highly dependent on operational requirement and external component values (for
example, crystal and XFC filter component values). Notes 4 and 5 show component values for a typical
configurations. Appropriate XFC filter values should be chosen based on operational requirement of system.
tstab
—0.5 4
4. fOSC = 4 MHz, fVCO = 40 MHz (REFDV = 0x00, SYNR = 0x04), CS = 2.2 nF, CP = 220 pF, RS = 5.6 KΩ.
3 5
5. fOSC = 4 MHz, fVCO = 16 MHz (REFDV = 0x00, SYNR = 0x01), CS = 4.7 nF, CP = 470 pF, RS = 2.7 KΩ.
ms
K9
D PLLON Acquisition mode stabilization delay 3
tacq
—0.3 4
1 5
ms
K10
D PLLON Tracking mode stabilization delay 3
tal
—0.2 4
2 5
ms
K11
D Charge pump current acquisition mode
| i
ch |
—
38.5
—
μA
K12
D Charge pump current tracking mode
| i
ch |
—3.5
—
μA
K13
D Jitter fit VCO loop gain parameter
K1
—
–195
—
MHz/V
K14
D Jitter fit VCO loop frequency parameter
f1
—
126
—
MHz
K15
C Jitter fit parameter 1
j1
——
1.3
% 4
K16
C Jitter fit parameter 2
j2
—
—
0.12
% 4
Table 21. Crystal Monitor Time-Outs
Min
Typ
Max
Unit
610
18.5
μs
Table 22. CRG Maximum Clock Quality Check Timings
Clock Check Windows
Value
Unit
Check Window
9.1 to 20.0
ms
Timeout Window
0.46 to 1.0
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com