Electronic Components Datasheet Search
  English  ▼

X  

PAC7111 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # PAC7111
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7111 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button PAC7111 Datasheet HTML 10Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 11Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 12Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 13Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 14Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 15Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 16Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 17Page - Freescale Semiconductor, Inc PAC7111 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
14
3.7.5
Chip Power Up and Voltage Drops
The VREG sub-modules LVI (low voltage interrupt), POR (power on reset) and LVR (low voltage reset)
handle chip power-up or drops of the supply voltage. Refer to Figure 2.
Figure 2. VREG Chip Power-up and Voltage Monitoring
3.7.6
Output Loads
The on-chip voltage regulator is intended to supply the internal logic and oscillator circuits. No external
DC load is allowed. Capacitive loads are specified in Table 18. Capacitors with X7R dielectricum are
required.
Table 18. VREG Recommended Load Capacitances
Rating
Symbol
Min
Typ
Max
Unit
Load Capacitance per VDD2.5 pin
1
NOTES:
1. Refer to Table 38 for the specific number of VDD2.5 pins on various packages. Each VDD2.5 pin should have the
recommended loading as described in Section 3.7.3, “Circuit Board Layout,” of the MAC7100 Microcontroller Family
Reference Manual (MAC7100RM).
CLVDD
200
220
12000
nF
Load Capacitance on VDDPLL pin
CLVDDfcPLL
90
220
5000
nF
LVI Disabled
due to LVR
VLVID
VLVRD
LVR
POR
LVI
VPORD
VLVRA
VLVIA
Time
LVI Enabled
VDDA
VDD2.5
Voltage
Note: Not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com