Electronic Components Datasheet Search
  English  ▼

X  

710643 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # 710643
Description  Smarteq™ SmartDisc™ MIMO Low-Profile Antenna Combination Antennas - GNSS Cellular WiFi Bluetooth®
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710643 Datasheet(HTML) 2 Page - PCTEL, Inc.

  710643 Datasheet HTML 1Page - PCTEL, Inc. 710643 Datasheet HTML 2Page - PCTEL, Inc. 710643 Datasheet HTML 3Page - PCTEL, Inc. 710643 Datasheet HTML 4Page - PCTEL, Inc. 710643 Datasheet HTML 5Page - PCTEL, Inc. 710643 Datasheet HTML 6Page - PCTEL, Inc. 710643 Datasheet HTML 7Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Smarteq™ SmartDisc™ MIMO Low-Profile Antenna
Combination Antennas - GNSS + Cellular + WiFi + Bluetooth®
The Smarteq™ SmartDisc™ MIMO is a configurable, combination antenna supporting up to
4-in-1 cellular MIMO 2G, 3G, 4G, GNSS, and Bluetooth®/WiFi. It features a low-profile enclosure
with a durable design. The antenna can be mounted on metal or non-conductive materials
enabling flexible and easy installation. The Smarteq™ SmartDisc™ MIMO antenna is ideal for
vehicle and load-handling equipment utilizing fleet management, smart city, and mobile gateways.
The dual-feed GNSS antenna enables excellent Axial ratio and gain, and pre-filtered LNA ensures
functionality in this combination antenna.
2
Applications
• Off-Highway Vehicle (OHV)
• ECU/Gateway
• M2M
• Public Safety
• Smart Metering
• Smart City
• EV-chargers
• Vending machines
• Parking meters
Features
• Cellular: 4G, 3G, 2G, 698-960MHz and 1710-2690MHz
• GNSS: 1559-1606MHz (GPS, Galileo, Glonass and Beidou)
• Bluetooth®/WiFi: 2400-2485/4900-5900MHz
• Pre-filter LNA with dual-feed GNSS antenna
• IP67 class
• Option available enabling DC isolated installation of antenna to
fulfill EV-forklift/EV vehicle requirements
Certifications
> pctel.com/antenna-products
Smarteq™ SmartDisc™ MIMO can be equipped with a feature
enabling galvanic isolated installation at the antenna. Use case
electric forklifts and other EV-vehicles EN 1175:2020, 50HZ,
1KVrms, 500 VA. Optional plastic center screw and plastic
washer (pictured left). Ssee separate datasheet for details.
710452 – Bracket
710598 –Slitted nut
710206 – Extension nut
(for installation thickness 25-50mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com