Electronic Components Datasheet Search
  English  ▼

X  

710643 Datasheet(PDF) 5 Page - PCTEL, Inc.

Part # 710643
Description  Smarteq™ SmartDisc™ MIMO Low-Profile Antenna Combination Antennas - GNSS Cellular WiFi Bluetooth®
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710643 Datasheet(HTML) 5 Page - PCTEL, Inc.

  710643 Datasheet HTML 1Page - PCTEL, Inc. 710643 Datasheet HTML 2Page - PCTEL, Inc. 710643 Datasheet HTML 3Page - PCTEL, Inc. 710643 Datasheet HTML 4Page - PCTEL, Inc. 710643 Datasheet HTML 5Page - PCTEL, Inc. 710643 Datasheet HTML 6Page - PCTEL, Inc. 710643 Datasheet HTML 7Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Smarteq™ SmartDisc™ MIMO
Low-Profile Antenna
Combination Antennas - GNSS + Cellular + WiFi + Bluetooth®
5
SPECIFICATIONS
> pctel.com/antenna-products
Mechanical and Enviornmental Specifications
Dimensions (D x H)
98 x 27,5mm
Installation
Hole mount with center screw
Installation surface thickness < 3.5mm
Hole dimension Ø19mm
Mounting torque 6-8Nm
Cable Length and Type
Cellular 1 (Main) 500mm, RG316
Cellular 2 (Sec.) 530mm, RG316
GNSS 560mm, RG316
WiFi 590mm, RG316
Weight
~220g
Material
PC / PBT / Aluminum alloy
Color
Black (options white and grey available)
IP Class
IP67
Operating/Storage Temperature
-40°C to +85°C
Certifications
RoHS
REACH
ECE-R118 certified cables



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com