Electronic Components Datasheet Search
  English  ▼

X  

710643 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710643
Description  Smarteq™ SmartDisc™ MIMO Low-Profile Antenna Combination Antennas - GNSS Cellular WiFi Bluetooth®
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710643 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710643 Datasheet HTML 1Page - PCTEL, Inc. 710643 Datasheet HTML 2Page - PCTEL, Inc. 710643 Datasheet HTML 3Page - PCTEL, Inc. 710643 Datasheet HTML 4Page - PCTEL, Inc. 710643 Datasheet HTML 5Page - PCTEL, Inc. 710643 Datasheet HTML 6Page - PCTEL, Inc. 710643 Datasheet HTML 7Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Smarteq™ SmartDisc™ MIMO
Low-Profile Antenna
Combination Antennas - GNSS + Cellular + WiFi + Bluetooth®
3
SPECIFICATIONS
> pctel.com/antenna-products
Electrical Specifications – Cellular on Ground Plane
Frequency Ranges
VSWR1
Average
Gain2
Radiation
Efficiency2
Impedance
Polarization
Radiation Pattern
Max.
Power
Cellular 1 (Main)
698-790 MHz
5:1
0 dBi
25%
50Ω
Linear
Omnidirectional
10W
790-960 MHz
3.5:1
1.5 dBi
45%
1710-2170 MHz
2:1
6 dBi
53%
2500-2690 MHz
2:1
3.5 dBi
35%
Cellular 2 (Sec.)
1710-2170 MHz
2:1
5 dBi
52%
50Ω
Linear
Omnidirectional
10W
2500-2690 MHz
2:1
7 dBi
54%
Electrical Specifications – Cellular in Free Space
Frequency Ranges
VSWR1
Average
Gain3
Radiation
Efficiency3
Impedance
Polarization
Radiation Pattern
Max.
Power
Cellular 1 (Main)
698-790 MHz
5:1
-3.1 dBi
14%
50Ω
Linear
Omnidirectional
10W
790-960 MHz
3.5:1
-1 dBi
27%
1710-2170 MHz
2:1
2 dBi
53%
2500-2690 MHz
2:1
1.4 dBi
37%
Cellular 2 (Sec.)
1710-2170 MHz
2:1
4.3 dBi
57%
50Ω
Linear
Omnidirectional
10W
2500-2690 MHz
2:1
2.5 dBi
57%
1
Measured with 2m cable
2
Measured on ground plane Ø1m and 10cm cable
3
Measured in free space with 10cm cable
4
Peak at zenith
Standard Configurations
Model
Cellular 1 (Main)
Connector
Cellular 2 (Sec.)
Connector
GNSS+
Connector
WiFi-1
Connector
WiFi-2
Connector
710635
SMA-m
RPSMA-m
710640
FAKRA-m/D
FAKRA-m/D
FAKRA-m/C
FAKRA-m/I
710641
FAKRA-m/D
FAKRA-m/D
FAKRA-m/C
710642
FAKRA-m/D
FAKRA-m/C
FAKRA-m/I
FAKRA-m/I
710643
FAKRA-m/D
FAKRA-m/I
FAKRA-m/I
710682
FAKRA-m/D
FAKRA-m/D
710683
SMA-m
SMA-m
710685
FAKRA-m/D
FAKRA-m/C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com