Electronic Components Datasheet Search
  English  ▼

X  

PI2LVD512 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI2LVD512
Description  1.8V, Wide-Bandwidth, 5 Differential Channels, 2:1 Mux/DeMux Switch with Dual Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2LVD512 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI2LVD512 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PS8807
01/18/06
PI2LVD512
1.8V, Wide-Bandwidth, 5 Differential Channels,
2:1, Mux/DeMux Switch with Dual Enable
RT
4pF
CL
VCC
VIN
VOUT
200-ohm
200-ohm
2 x VCC
Pulse
Generator
D.U.T
Test Circuit for Electrical Characteristics(1)
Notes:
1. CL = Load capacitance: includes jig and probe capacitance.
2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4. All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
5. The outputs are measured one at a time with one transition per measurement.
Test Circuit for Dynamic Electrical Characteristics
PI2LVD512
T1
R1
S1
HP11667A
HP4396B or Equivalent
Switch Positions
Test
Switch
tPLZ, tPZL (output on B-side)
2 x VCC
tPHZ, tPZH (output on B-side)
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com