Electronic Components Datasheet Search
  English  ▼

X  

PI2LVD512 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI2LVD512
Description  1.8V, Wide-Bandwidth, 5 Differential Channels, 2:1 Mux/DeMux Switch with Dual Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2LVD512 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI2LVD512 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8807
01/18/06
PI2LVD512
1.8V, Wide-Bandwidth, 5 Differential Channels,
2:1, Mux/DeMux Switch with Dual Enable
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
400
µA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 1.8V, TA = 25°C ambient and maximum loading.
���������
Dynamic Electrical Characteristics Over the Operating Range (TA= -40º to +85ºC, VCC = 1.8V±10%, GND=0V)
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Units
XTALK(1)
Crosstalk
See Fig. 1 for Measurement
Setup,
f = 10 MHz
-70
dB
OIRR(1)
OFF Isolation
See Fig. 2 for Measurement
Setup,
f = 10 MHz
-65
BW
-3dB Bandwidth
1.26
GHz
Note:
1. Guaranteed by design.
Fig 1. Crosstalk Setup



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com