Electronic Components Datasheet Search
  English  ▼

X  

PI2LVD512 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2LVD512
Description  1.8V, Wide-Bandwidth, 5 Differential Channels, 2:1 Mux/DeMux Switch with Dual Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2LVD512 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2LVD512 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2LVD512 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8807
01/18/06
PI2LVD512
1.8V, Wide-Bandwidth, 5 Differential Channels,
2:1, Mux/DeMux Switch with Dual Enable
Storage Temperature....................................–65°C to +150°C
Supply Voltage to Ground Potential...............–0.5V to +2.5V
DC Input Voltage ............................................–0.5V to VCC
DC Output Current......................................................120mA
Power Dissipation...........................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics for Switching over Operating Range (TA = –40°C to +85°C, VCC = 1.5V to 2.0V)
Paramenter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
0.65 x VCC
-
-
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
-
0.35 x VCC
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
-
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
-
-
±5
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 1.8V, TA = 25°C ambient and maximum loading.
Truth Table
Function
SEL0
SEL1
AN to NB1, N = 0, 1, 2, 3
L
X
AN to NB2, N = 0, 1, 2, 3
H
X
AN to NB1, N = 4, 5, 6, 7, 8, 9
X
L
AN to NB2, N = 4, 5, 6, 7, 8, 9
X
H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com