Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC74AD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74AD
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74AD Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74LVC74AD Datasheet HTML 17Page - Texas Instruments SN74LVC74AD Datasheet HTML 18Page - Texas Instruments SN74LVC74AD Datasheet HTML 19Page - Texas Instruments SN74LVC74AD Datasheet HTML 20Page - Texas Instruments SN74LVC74AD Datasheet HTML 21Page - Texas Instruments SN74LVC74AD Datasheet HTML 22Page - Texas Instruments SN74LVC74AD Datasheet HTML 23Page - Texas Instruments SN74LVC74AD Datasheet HTML 24Page - Texas Instruments SN74LVC74AD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
16-May-2024
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9761601Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-9761601VDA
W
CFP
14
25
506.98
26.16
6220
NA
SN74LVC74AD
D
SOIC
14
50
506.6
8
3940
4.32
SN74LVC74APW
PW
TSSOP
14
90
530
10.2
3600
3.5
SN74LVC74APWG4
PW
TSSOP
14
90
530
10.2
3600
3.5
SNJ54LVC74AFK
FK
LCCC
20
55
506.98
12.06
2030
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com