Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC74AD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74AD
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74AD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC74AD Datasheet HTML 2Page - Texas Instruments SN74LVC74AD Datasheet HTML 3Page - Texas Instruments SN74LVC74AD Datasheet HTML 4Page - Texas Instruments SN74LVC74AD Datasheet HTML 5Page - Texas Instruments SN74LVC74AD Datasheet HTML 6Page - Texas Instruments SN74LVC74AD Datasheet HTML 7Page - Texas Instruments SN74LVC74AD Datasheet HTML 8Page - Texas Instruments SN74LVC74AD Datasheet HTML 9Page - Texas Instruments SN74LVC74AD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
5.5 Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ΔICC
Change in supply current
One input at VCC – 0.6 V, other inputs at VCC or GND, and
VCC = 2.7 V to 3.6 V
500
µA
Ci
Input capacitance
VI = VCC or GND, VCC = 3.3 V, TA = 25°C
5
pF
5.6 Timing Requirements: SN54LVC74A
over recommended operating free-air temperature range (unless otherwise noted; see Parameter Measurement Information)
MIN
MAX
UNIT
fclock
Clock frequency
VCC = 2.7 V
83
MHz
VCC = 3.3 V ± 0.3 V
100
tw
Pulse duration
PRE or CLR low
3.3
ns
CLK high or low
3.3
tsu
Setup time before CLK↑
Data
VCC = 2.7 V
3.4
ns
VCC = 3.3 V ± 0.3 V
3
PRE or CLR inactive
VCC = 2.7 V
2.2
VCC = 3.3 V ± 0.3 V
2
th
Hold time, data after CLK↑
1
ns
5.7 Timing Requirements: SN74LVC74A
over recommended operating free-air temperature range (unless otherwise noted; see Parameter Measurement Information)
MIN
MAX
UNIT
fclock
Clock frequency
VCC = 1.8 V or 2.5 V
83
MHz
tw
Pulse duration
PRE or CLR low
VCC = 1.8 V ± 0.15 V
4.1
ns
VCC = 2.5 V ± 0.2 V
3.3
CLK high or low
VCC = 1.8 V ± 0.15 V
4.1
VCC = 2.5 V ± 0.2 V
3.3
tsu
Setup time before CLK↑
Data
VCC = 1.8 V ± 0.15 V
3.6
ns
VCC = 2.5 V ± 0.2 V
2.3
PRE or CLR inactive
VCC = 1.8 V ± 0.15 V
2.7
VCC = 2.5 V ± 0.2 V
1.9
th
Hold time, data after CLK↑
VCC = 1.8 V or 2.5 V
1
ns
SN54LVC74A, SN74LVC74A
SCAS287V – JANUARY 1993 – REVISED MAY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com