Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC74AD Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74AD
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74AD Datasheet(HTML) 33 Page - Texas Instruments

Back Button SN74LVC74AD Datasheet HTML 29Page - Texas Instruments SN74LVC74AD Datasheet HTML 30Page - Texas Instruments SN74LVC74AD Datasheet HTML 31Page - Texas Instruments SN74LVC74AD Datasheet HTML 32Page - Texas Instruments SN74LVC74AD Datasheet HTML 33Page - Texas Instruments SN74LVC74AD Datasheet HTML 34Page - Texas Instruments SN74LVC74AD Datasheet HTML 35Page - Texas Instruments SN74LVC74AD Datasheet HTML 36Page - Texas Instruments SN74LVC74AD Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
www.ti.com
PACKAGE OUTLINE
C
14X .008-.014
[0.2-0.36]
TYP
-15
0
AT GAGE PLANE
-.314
.308
-7.97
7.83
[
]
14X
-.026
.014
-0.66
0.36
[
]
14X
-.065
.045
-1.65
1.15
[
]
.2 MAX TYP
[5.08]
.13 MIN TYP
[3.3]
TYP
-.060
.015
-1.52
0.38
[
]
4X .005 MIN
[0.13]
12X .100
[2.54]
.015
GAGE PLANE
[0.38]
A
-.785
.754
-19.94
19.15
[
]
B
-.283
.245
-7.19
6.22
[
]
CDIP - 5.08 mm max height
J0014A
CERAMIC DUAL IN LINE PACKAGE
4214771/A 05/2017
NOTES:
1. All controlling linear dimensions are in inches. Dimensions in brackets are in millimeters. Any dimension in brackets or parenthesis are for
reference only. Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This package is hermitically sealed with a ceramic lid using glass frit.
4. Index point is provided on cap for terminal identification only and on press ceramic glass frit seal only.
5. Falls within MIL-STD-1835 and GDIP1-T14.
7
8
14
1
PIN 1 ID
(OPTIONAL)
SCALE 0.900
SEATING PLANE
.010 [0.25] C A B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com