Electronic Components Datasheet Search
  English  ▼

X  

PA340 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA340
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA340 Datasheet(HTML) 3 Page - Cirrus Logic

  PA340 Datasheet HTML 1Page - Cirrus Logic PA340 Datasheet HTML 2Page - Cirrus Logic PA340 Datasheet HTML 3Page - Cirrus Logic PA340 Datasheet HTML 4Page - Cirrus Logic PA340 Datasheet HTML 5Page - Cirrus Logic PA340 Datasheet HTML 6Page - Cirrus Logic PA340 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PA340
PA340U
3
Parameter
Test Conditions (Note 1)
Min
Typ
Max
Units
INPUT
OFFSET VOLTAGE, initial
12
40
mV
OFFSET VOLTAGE, vs. temperature
(Note 3) 25°C to 85°C
17
250
µV/°C
OFFSET VOLTAGE, vs. temperature
(Note 3) -25°C to 25°C
18
500
µV/°C
OFFSET VOLTAGE, vs. supply
4.5
µV/V
OFFSET VOLTAGE, vs. time
80
µV/kh
BIAS CURRENT, initial
50
200
pA
BIAS CURRENT, vs. supply
2
pA/V
OFFSET CURRENT, initial
50
200
pA
INPUT IMPEDANCE, DC
1011
Ω
INPUT CAPACITANCE
3
pF
COMMON MODE, voltage range
+V
S - 12
V
COMMON MODE, voltage range
-V
S + 12
V
COMMON MODE REJECTION, DC
V
CM = ±90VDC
84
115
dB
NOISE, broad band
10kHz BW, R
S = 1KΩ
337
µV RMS
GAIN
OPEN LOOP at 15Hz
R
L = 5KΩ
90
103
dB
GAIN BANDWIDTH PRODUCT
@1MHz
10
MHz
POWER BANDWIDTH
280V p-p
35
kHz
Parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE, +V
S to -VS
350
V
OUTPUT CURRENT, continuous within SOA
60
mA
OUTPUT CURRENT, peak
(Note 3)
120
mA
POWER DISSIPATION, continuous @ T
C = 25°C
14
W
INPUT VOLTAGE, differential
-16
+16
V
INPUT VOLTAGE, common mode
-V
S
+V
S
V
TEMPERATURE, pin solder - 10 sec
220
°C
TEMPERATURE, junction
(Note 2)
150
°C
TEMPERATURE, storage
-65
150
°C
TEMPERATURE RANGE, powered (case)
-40
125
°C
1. CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS (PER AMPLIFIER)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com