Electronic Components Datasheet Search
  English  ▼

X  

PA340 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA340
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA340 Datasheet(HTML) 4 Page - Cirrus Logic

  PA340 Datasheet HTML 1Page - Cirrus Logic PA340 Datasheet HTML 2Page - Cirrus Logic PA340 Datasheet HTML 3Page - Cirrus Logic PA340 Datasheet HTML 4Page - Cirrus Logic PA340 Datasheet HTML 5Page - Cirrus Logic PA340 Datasheet HTML 6Page - Cirrus Logic PA340 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA340
4
PA340U
Parameter
Test Conditions (Note 1)
Min
Typ
Max
Units
OUTPUT
VOLTAGE SWING
I
O = 40mA
±V
S
12
±V
S
10
V
CURRENT, peak
(Note 3)
120
mA
CURRENT, continuous
60
mA
SETTLING TIME to 0.1%
10V step, A
V = -10
2
µs
SLEW RATE
C
C = 4.7pF
32
V/µS
RESISTANCE, 10mA
(Note 4) R
CL = 0Ω
91
Ω
RESISTANCE, 40mA
(Note 4) R
CL = 0Ω
65
Ω
POWER SUPPLY
VOLTAGE
±10
±150
±175
V
CURRENT, quiescent
2.2
2.5
mA
THERMAL
RESISTANCE, AC junction to case
F > 60Hz
5.9
6.85
°C/W
RESISTANCE, DC junction to case
F < 60Hz
7.7
8.9
°C/W
RESISTANCE, junction to air
(Note 5) Full temperature range
27
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
-25
25
+85
°C
NOTES:
1. Unless otherwise noted T
C = 25°C, CC = 6.8pF. DC input specifications are ± value given. Power sup-
ply voltage is typical rating.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate
internal power dissipation to achieve high MTTF. For guidance, refer to heatsink data sheet.
3. Guaranteed but not tested.
4. Since the PA340 has no current limit, load impedance must be large enough to limit output current to
120mA.
5. Heat tab attached to 3/32" FR-4 board with 2oz. copper. Topside copper area (heat tab directly at-
tached) = 1000 sq. mm, backside copper area = 2500 sq. mm, board area = 2500 sq. mm.
The PA340 is constructed from MOSFET transistors. ESD handling procedures must be observed.
CAUTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com