Electronic Components Datasheet Search
  English  ▼

X  

PA340 Datasheet(PDF) 7 Page - Cirrus Logic

Part # PA340
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA340 Datasheet(HTML) 7 Page - Cirrus Logic

  PA340 Datasheet HTML 1Page - Cirrus Logic PA340 Datasheet HTML 2Page - Cirrus Logic PA340 Datasheet HTML 3Page - Cirrus Logic PA340 Datasheet HTML 4Page - Cirrus Logic PA340 Datasheet HTML 5Page - Cirrus Logic PA340 Datasheet HTML 6Page - Cirrus Logic PA340 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PA340
PA340U
7
3.4 HEATSINKING
The PA340CC 7-pin DDPAK surface mountable package has a large exposed integrated copper heatslug to which
the monolithic amplifier is directly attached. The PA340CC requires surface mount techniques of heatsinking. A sol-
der connection to a copper foil area as defined in Note 5 of Page 3 is recommended for circuit board layouts. This
may be adequate heatsinking but the large number of variables suggests temperature measurements to be made
on the top of the package. Do not allow the temperature to exceed 85°C.
3.5 OVERVOLTAGE PROTECTION
Although the PA340 can withstand differential input voltages up to 16V, in
some applications additional external protection may be needed. Differen-
tial inputs exceeding 16V will be clipped by the protection circuitry. How-
ever, if more than a few milliamps of current is available from the overload
source, the protection circuitry could be destroyed. For differential sources
above 16V, adding series resistance limiting input current to 1mA will pre-
vent damage. Alternatively, 1N4148 signal diodes connected anti-parallel
across the input pins is usually sufficient. In more demanding applications
where bias current is important, diode connected JFETs such as 2N4416
will be required. See Q1 and Q2 in Figure 5. In either case the differential
input voltage will be clamped to 0.7V. This is sufficient overdrive to produce
the maximum power bandwidth.
In the case of inverting circuits where the +IN pin is grounded, the diodes
mentioned above will also afford protection from excessive common mode
voltage. In the case of non-inverting circuits, clamp diodes from each input to each supply will provide protection.
Note that these diodes will have substantial reverse bias voltage under normal operation and diode leakage will
produce errors.
Some applications will also need over-voltage protection devices connected to the power supply rails. Unidirectional
zener diode transient suppressors are recommended. The zeners clamp transients to voltages within the power
supply rating and also clamp power supply reversals to ground. Whether the zeners are used or not the system
power supply should be evaluated for transient performance including power-on overshoot and power-off polarity
reversals as well as line regulation. See Z1 and Z2 in Figure 5.
+Vs
-Vs
OUT
+Vs
-Vs
Z1
Z2
-IN
+IN
Q1
Q2
FIGURE 5. Overvoltage Protection
NEED TECHNICAL HELP? CONTACT APEX SUPPORT!
For all Apex Microtechnology product questions and inquiries, call toll free 800-546-2739 in North America.
For inquiries via email, please contact apex.support@apexanalog.com.
International customers can also request support by contacting their local Apex Microtechnology Sales Representative.
To find the one nearest to you, go to www.apexanalog.com
IMPORTANT NOTICE
Apex Microtechnology, Inc. has made every effort to insure the accuracy of the content contained in this document. However, the information is subject to change
without notice and is provided "AS IS" without warranty of any kind (expressed or implied). Apex Microtechnology reserves the right to make changes without further
notice to any specifications or products mentioned herein to improve reliability. This document is the property of Apex Microtechnology and by furnishing this informa-
tion, Apex Microtechnology grants no license, expressed or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual
property rights. Apex Microtechnology owns the copyrights associated with the information contained herein and gives consent for copies to be made of the informa-
tion only for use within your organization with respect to Apex Microtechnology integrated circuits or other products of Apex Microtechnology. This consent does not
extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale.
APEX MICROTECHNOLOGY PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED TO BE SUITABLE FOR USE IN PRODUCTS USED FOR
LIFE SUPPORT, AUTOMOTIVE SAFETY, SECURITY DEVICES, OR OTHER CRITICAL APPLICATIONS. PRODUCTS IN SUCH APPLICATIONS ARE UNDER-
STOOD TO BE FULLY AT THE CUSTOMER OR THE CUSTOMER’S RISK.
Apex Microtechnology, Apex and Apex Precision Power are trademarks of Apex Microtechnolgy, Inc. All other corporate names noted herein may be trademarks
of their respective holders.
Copyright © Apex Microtechnology, Inc. 2012
(All Rights Reserved)
www.apexanalog.com
OCT 2013
PA340U REVC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com