Electronic Components Datasheet Search
  English  ▼

X  

PHT6N03T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHT6N03T
Description  TrenchMOS transistor Standard level FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT6N03T Datasheet(HTML) 4 Page - NXP Semiconductors

  PHT6N03T Datasheet HTML 1Page - NXP Semiconductors PHT6N03T Datasheet HTML 2Page - NXP Semiconductors PHT6N03T Datasheet HTML 3Page - NXP Semiconductors PHT6N03T Datasheet HTML 4Page - NXP Semiconductors PHT6N03T Datasheet HTML 5Page - NXP Semiconductors PHT6N03T Datasheet HTML 6Page - NXP Semiconductors PHT6N03T Datasheet HTML 7Page - NXP Semiconductors PHT6N03T Datasheet HTML 8Page - NXP Semiconductors PHT6N03T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT6N03T
Standard level FET
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1E-07
1E-05
1E-03
1E-01
1E+01
1E+03
BUKX83
t / s
Zth j-amb / (K/W)
1E+02
1E+01
1E+00
1E-01
1E-02
0
0.5
0.2
0.1
0.05
0.02
D =
D =
tp
tp
T
T
P
t
D
0
20
40
60
80
100
120
140
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
02468
10
0
10
20
30
40
50
60
BUK7830-30
VDS / V
ID / A
4
4.5
5
5.5
6
6.5
8
10
12
VGS / V =
0.1
1
10
100
1000
0.01
0.1
1
10
100
7830-30
VDS / V
ID / A
RDS(ON)
=
VDS
/ ID
tp = 10 us
100 us
1 ms
10 ms
100 ms
DC
0
1020
30405060
0
7830-30
ID / A
RDS(ON) / mOhm
6
VGS / V =
12
10
8
6.5
6
5
4
3
2
1
November 1997
4
Rev 1.200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com